LR2512-R02JT1
AI

The **LR2512-R02JT1** is a high-power, low-resistance SMT (Surface Mount Technology) shunt resistor. It is specifically designed for current sensing applications where precision and high power handling are required.
---
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the component's specifications:
| Code | Segment | Meaning |
| :--- | :--- | :--- |
| **LR** | Series | Low Resistance / Metal Strip Series |
| **2512** | Package Size | Imperial dimensions (0.25" x 0.12") or Metric 6432 |
| **R02** | Resistance Value | 0.02 Ohms (20 mΩ) |
| **J** | Tolerance | ±5% |
| **T1** | Packaging | Tape and Reel (Standard 1,000 - 4,000 pcs) |
---
### 2. Key Technical Specifications
These parts are typically constructed using a metal alloy element to ensure stability under thermal stress.
* **Resistance:** 20 mΩ (0.02 Ω)
* **Power Rating:** Usually 1W to 3W (depending on the specific manufacturer like Welwyn or Bourns).
* **Tolerance:** ±5% (indicated by 'J').
* **Temperature Coefficient (TCR):** Generally low (±100ppm/°C to ±300ppm/°C) to maintain accuracy as the part heats up.
* **Technology:** Metal strip or Thick film on Ceramic (Metal strip is more common for the LR series for better heat dissipation).
---
### 3. Applications
The LR2512-R02JT1 is primarily used for **Current Sensing**. By measuring the voltage drop across this resistor ($V = I \times R$), a circuit can determine how much current is flowing.
* **Power Management:** Battery BMS (Battery Management Systems) for monitoring charge/discharge.
* **Motor Control:** Detecting over-current conditions in DC motors.
* **DC-DC Converters:** Feedback loops for regulating output current.
* **Automotive:** Used in electronic control units (ECUs) for power distribution.
---
### 4. Physical Characteristics
* **Form Factor:** 2512 SMD package.
* **Dimensions:** Approximately 6.4mm x 3.2mm.
* **Mounting:** Solder pads on the underside; requires large copper traces on the PCB to act as a heat sink due to its high power rating.
---
- ⤷
What are the differences between a 1% (F) and 5% (J) tolerance version for current sensing?
- ⤷ How do I calculate the maximum current this resistor can handle if it is rated for 2 Watts?
- ⤷ What are the recommended PCB layout practices for 2512 shunt resistors?