LR2512-R10FW
AI

## Technical Overview of LR2512-R10FW
The **LR2512-R10FW** is a high-power, low-resistance (current sensing) surface-mount resistor. It is designed for precision current monitoring in various electronic circuits.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the component's characteristics:
| Code Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **LR** | Series | Low Resistance / Current Sense |
| **2512** | Package Size | 2512 Imperial (6.4mm x 3.2mm) |
| **R10** | Resistance Value | 0.10 Ohms (100 mΩ) |
| **F** | Tolerance | ±1% |
| **W** | Power Rating / Type | High Power (Standard 2 Watts) |
---
### 2. Key Specifications
These technical parameters define the electrical behavior and thermal limits of the part:
* **Resistance:** 0.10 $\Omega$ (100 m$\Omega$)
* **Power Rating:** 2 Watts (at 70°C)
* **Tolerance:** ±1% (Precision grade)
* **Temperature Coefficient (TCR):** Usually ±200 ppm/°C or lower (varies by manufacturer like Welwyn or TT Electronics).
* **Operating Temperature:** -55°C to +155°C.
* **Technology:** Metal strip or Thick film on Ceramic (Metal strip is more common for this series to handle surges).
---
### 3. Core Functions
The LR2512-R10FW is primarily used for **Current Shunt Sensing**. Its operation is based on Ohm's Law ($V = I \times R$):
1. **Current Measurement:** As current flows through the 0.1Ω resistor, a small proportional voltage drops across it.
2. **Feedback:** This voltage is measured by a microcontroller or a current-sense amplifier.
3. **Protection:** Used to detect over-current conditions to trigger fuses or shutdowns.
---
### 4. Typical Applications
Due to its high power handling and low resistance, it is found in:
* **Battery Management Systems (BMS):** Monitoring charge/discharge cycles in Li-ion packs.
* **DC-DC Converters:** Managing power efficiency in voltage regulators.
* **Motor Control:** Detecting stall currents or managing torque.
* **Power Supplies:** Providing feedback loops for constant current (CC) modes.
---
### 5. Design Considerations
When using this part in a PCB layout:
* **Kelvin Connection (4-Wire):** It is recommended to use separate traces for current paths and voltage sensing to avoid inaccuracies caused by lead resistance.
* **Heat Dissipation:** Ensure large copper pads are used to help sink the 2W of heat generated during full-load operation.
- ⤷What is the difference between a metal strip and thick film construction for this resistor?
- ⤷ How do I calculate the maximum current this resistor can handle?
- ⤷ Are there 4-terminal versions of the 2512 package available?