Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LR41218-AG6-R

  • AI
    The **LR41218-AG6-R** is a specific electronic component, typically identified as a **Low Dropout (LDO) Linear Regulator** manufactured by UTC (Unisonic Technologies Co., Ltd). It is designed to provide a stable output voltage while maintaining a very low difference between the input and output voltages. --- ### 1. Key Technical Specifications The following table outlines the typical parameters for this specific part number: | Parameter | Specification | | :--- | :--- | | **Component Type** | CMOS Low Dropout (LDO) Voltage Regulator | | **Output Voltage** | Adjustable (Typically via external resistors) | | **Maximum Output Current** | 300mA - 500mA (Series dependent) | | **Package Type** | SOT-26 (AG6 suffix) | | **Operating Temperature** | -40°C to +85°C | | **Low Quiescent Current** | ~50µA (Typical) | | **Protection Features** | Over-current & Thermal Shutdown | --- ### 2. Part Number Breakdown Understanding the suffix codes helps in identifying the exact physical and electrical characteristics: * **LR41218**: The basic series/model number for the LDO. * **AG6**: Refers to the **SOT-26** package type (6-pin Small Outline Transistor). * **R**: Indicates **Tape & Reel** packaging for automated SMT assembly. --- ### 3. Pin Configuration (SOT-26) While you should always consult the official UTC datasheet, the standard pinout for this package in the LR series usually follows this structure: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | **VIN** | Unregulated Input Voltage | | 2 | **GND** | Ground | | 3 | **CE / EN** | Chip Enable (Active High) | | 4 | **ADJ / NC** | Feedback/Adjust pin for setting voltage | | 5 | **NC** | No Connection | | 6 | **VOUT** | Regulated Output Voltage | --- ### 4. Typical Applications Because of its small footprint and low power consumption, the LR41218 is commonly used in: * **Battery-powered devices**: Smartphones, tablets, and wearables. * **Reference Voltage Sources**: Providing clean power to sensitive analog sensors. * **Post-regulation**: Cleaning up noise from Switching Mode Power Supplies (SMPS). --- ### 5. Implementation Example To set the output voltage on an adjustable version, a simple voltage divider is used on the ADJ pin: ```c // Calculation for Output Voltage (Vout) Vout = Vref * (1 + R1 / R2) // Where Vref is typically 0.8V or 1.2V depending on the internal IC reference. ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage rating for the LR41218 series?
    • ⤷ Can this LDO be used with ceramic capacitors for stability?
    • ⤷ Are there fixed-voltage variants available for this part number?