LR5-102LENW-R
AI

The **LR5-102LENW-R** is a high-performance LED signal tower (stack light) manufactured by **Patlite**. It is part of the LR5 series, which is designed for industrial automation to provide visual and audible status indications for machinery.
---
## Technical Specifications
The model number can be broken down to understand its specific electronic configuration:
| Component Code | Specification | Description |
| :--- | :--- | :--- |
| **LR5** | 50mm Diameter | The outer diameter of the lens/body units. |
| **1** | 1 Tier | This specific model comes with one LED module. |
| **02** | 24V DC | Operates on standard industrial direct current. |
| **LE** | LED Unit | High-intensity LED module (Multi-color capable or single). |
| **NW** | Off-White Body | Non-flashing (Continuous light) and no buzzer. |
| **R** | Red | The color of the LED module. |
---
## Electronic Characteristics
### 1. Power and Control
* **Rated Voltage:** 24V DC.
* **Operating Voltage Range:** 21.6V to 26.4V DC.
* **Current Consumption:** Typically around **40mA** to **55mA** for the red LED unit.
* **Input Type:** Bi-polar (NPN/PNP open collector compatible), allowing it to interface with various PLC outputs.
### 2. LED Technology
* **Light Source:** High-brightness LEDs arranged to provide 360-degree visibility.
* **Lens Design:** The "LE" designation refers to an enhanced lens design that diffuses light more effectively than older models (like the LME series).
### 3. Protection and Durability
* **IP Rating:** **IP65** (Dust-tight and protected against water jets), provided it is installed correctly with the O-rings.
* **Vibration Resistance:** Designed to withstand industrial environments with a resistance of up to 19.6 $m/s^2$.
---
## Wiring Diagram (General Logic)
The device uses a color-coded wiring system to simplify integration with control panels.
```yaml
Wiring Logic:
- Red Wire: Connect to Red LED Signal (+24V for PNP / 0V for NPN)
- Yellow/Gray Wire: Common Power Supply (Depends on NPN/PNP setup)
- Protection: Internal diode protection against reverse polarity.
```
---
## Key Features
* **Modular Design:** The "Twist-and-Lock" system allows the electronic modules to be reconfigured or replaced without tools.
* **Environmental Compliance:** RoHS compliant and CE marked for global industrial standards.
- ⤷How do I wire this model for an NPN transistor output?
- ⤷ Can I add a buzzer module to this specific unit later?
- ⤷ What is the maximum power consumption if I stack more tiers?