LR5-102WENW-R
AI

The **LR5-102WENW-R** is a specific model from the Patlite LR5 series of modular signal towers (stack lights). This model is designed for industrial automation to provide visual status indication.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Model Number** | LR5-102WENW-R |
| **Diameter** | 50mm |
| **Number of Tiers** | 1 Tier (Red LED) |
| **Rated Voltage** | 24V DC |
| **Mounting Style** | Direct Mount (W) |
| **Wiring Connection** | Lead Wire (E) |
| **Body Color** | Off-white (N) |
| **Lens Type** | No Flashing / No Buzzer (W) |
---
### 2. Electronic Components & Design
The internal electronics of the LR5-102WENW-R are engineered for durability in harsh industrial environments:
#### A. LED Unit Architecture
* **High-Intensity LEDs:** Uses multi-die LED chips arranged to provide 360-degree visibility.
* **Internal Reflector:** A specialized "inner lens" design enhances light diffusion, ensuring the light is visible even from long distances or under bright factory overhead lights.
#### B. Protection Circuitry
* **Reverse Polarity Protection:** Prevents damage to the internal LEDs if the 24V DC wires are connected incorrectly.
* **Voltage Regulation:** Built-in resistors and regulating circuits ensure the LEDs operate at a constant current, preventing flickering and extending the lifespan (rated for approx. 50,000 hours).
#### C. Control Interface
* **Dry Contact / Open Collector:** The unit is compatible with NPN or PNP transistor outputs from PLCs (Programmable Logic Controllers).
* **Current Consumption:** This model is highly efficient, typically drawing around **50mA** for the single red tier.
---
### 3. Build & Environmental Rating
The electronic housing is designed to meet strict industrial standards:
* **IP Rating:** **IP65** (Dust-tight and protected against water jets), provided it is installed correctly.
* **Vibration Resistance:** Tested to withstand up to **0.7G**, making it suitable for mounting directly on heavy machinery.
* **Operating Temperature:** Effective from **-20°C to +50°C**.
---
### 4. Wiring Information
The unit uses a color-coded lead wire system for simple integration:
| Wire Color | Signal / Function |
| :--- | :--- |
| **Red** | Red LED Tier Control |
| **Yellow** | Common Line (Power) |
| **Gray/Other** | Internal ground/logic (depending on specific NPN/PNP setup) |
---
- ⤷
How do I wire this unit for an NPN vs PNP PLC output?
- ⤷ Can I add more color tiers to this specific model later?
- ⤷ What is the maximum current draw if I add a buzzer unit to this stack?