LR5-302LENW-R
AI

The **LR5-302LENW-RYG** is a multi-stack signal tower (light tower) manufactured by **Patlite**. It is part of the LR5 series, designed for industrial automation to indicate machine status through visual and audible signals.
---
### 1. Technical Specifications
The model name "LR5-302LENW-RYG" breaks down into specific electronic and physical characteristics:
| Component | Specification | Description |
| :--- | :--- | :--- |
| **Series** | LR5 | 50mm diameter modular signal tower |
| **Tiers** | 3 | Three light modules (Red, Amber, Green) |
| **Voltage** | 24V DC | Standard industrial operating voltage |
| **Mounting** | Direct Mount | Mounted via a threaded nut and cable gland |
| **Connection** | Lead Wire | Pre-wired cable for electrical connection |
| **Body Color** | Off-white | Aesthetic matching for industrial machinery |
| **Protection** | IP65 | Dust-tight and protected against water jets |
---
### 2. Electronic Components & Operation
The internal electronics of the LR5-302LENW-RYG are designed for high efficiency and longevity in harsh environments.
#### A. LED Light Modules
* **Technology:** High-brightness LEDs with a multi-surface internal lens design.
* **Optics:** The "LE" designation refers to the specific lens shape that provides 360-degree uniform light distribution.
* **Power Consumption:** Extremely low (approx. 0.04A per tier), allowing it to be driven directly by PLC (Programmable Logic Controller) transistor outputs.
#### B. Wiring and Control
The unit uses a **Common Wire** system (NPN/PNP compatible).
* **Red Wire:** Activates Red LED tier.
* **Orange Wire:** Activates Amber/Yellow LED tier.
* **Green Wire:** Activates Green LED tier.
* **Yellow/Gray Wires:** Typically reserved for the Buzzer (if equipped) or power supply common.
#### C. Internal Protection
* **Reverse Polarity Protection:** Prevents damage if the DC power leads are swapped.
* **Vibration Resistance:** The internal circuit boards are secured to withstand the mechanical stress of industrial machinery.
---
### 3. Key Electronic Features
1. **Modular Design:** The electronic tiers are connected via a twist-and-lock mechanism with gold-plated pins to ensure reliable electrical contact and prevent oxidation.
2. **Environmentally Sealed:** The electronics are housed in an O-ring sealed polycarbonate body, making them resistant to oil, water, and dust.
3. **No Sound (N):** The "N" in the part number indicates this specific model does **not** include a buzzer/audio module; it is purely visual.
---
- ⤷
How do I wire this unit to an NPN vs PNP transistor output?
- ⤷ Can I add more light tiers or a buzzer to this specific model later?
- ⤷ What is the maximum current draw when all three lights are active?