LR9101G-30-AE2-R
AI

The **LR9101G-30-AE2-R** is a specific low-dropout (LDO) linear regulator manufactured by **UTC (Unisonic Technologies)**. It is designed to provide a stable, fixed output voltage from a fluctuating input source with minimal power loss.
---
### 1. Key Technical Specifications
The part number itself contains encoded information about its performance and physical characteristics.
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | Fixed **3.0V** |
| **Input Voltage Range** | Up to 6.0V (Max) |
| **Output Current** | Typically up to 300mA |
| **Package Type** | SOT-23-3 (indicated by "AE2") |
| **Accuracy** | ±2% |
| **Quiescent Current** | Very Low (approx. 50µA - 70µA) |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
* **LR9101**: Series name (Low-Dropout Linear Regulator).
* **G**: Halogen-free and RoHS compliant (Green).
* **30**: Represents the output voltage (3.0 Volts).
* **AE2**: Package code for **SOT-23** (3-pin version).
* **R**: Tape and Reel packaging.
---
### 3. Pin Configuration (SOT-23)
In the AE2 package, the pins are typically assigned as follows:
1. **GND (Ground)**: The common reference point for the circuit.
2. **Vout (Output)**: The regulated 3.0V output.
3. **Vin (Input)**: The unregulated supply voltage.
---
### 4. Primary Applications
The LR9101 series is favored in battery-powered devices where efficiency and space are critical:
* **Mobile Communication**: Smartphones and RF modules.
* **Portable Electronics**: Digital cameras and handheld gaming devices.
* **Battery Management**: Providing a stable rail for microcontrollers (MCUs).
* **Low-Noise Sensors**: Since LDOs provide "cleaner" power compared to switching regulators.
---
### 5. Circuit Design Tip
To ensure stability and reduce noise, it is standard practice to use **ceramic capacitors** with this IC:
* **Input Capacitor ($C_{in}$):** 1µF to 10µF (to handle input transients).
* **Output Capacitor ($C_{out}$):** 1µF to 10µF (essential for regulator loop stability).
---
- ⤷
What is the maximum dropout voltage for the LR9101 series at full load?
- ⤷ Can the LR9101G-30-AE2-R be replaced by a 3.3V version in the same circuit?
- ⤷ How does the 'G' (Halogen-free) rating affect soldering profiles?