LR9101L-10-AE2-R
AI

The **LR9101L-10-AE2-R** is a specific low-dropout (LDO) linear regulator typically manufactured by UTC (Unisonic Technologies). This component is designed to provide a stable 1.0V output from a higher input voltage with very low power consumption.
---
### ## Technical Specifications
Below are the primary electrical characteristics for the LR9101L-10-AE2-R:
| Parameter | Value / Description |
| :--- | :--- |
| **Output Voltage ($V_{OUT}$)** | 1.0V (Fixed) |
| **Input Voltage Range ($V_{IN}$)** | Up to 6.0V |
| **Output Current ($I_{OUT}$)** | 300mA (Typical) |
| **Quiescent Current ($I_Q$)** | ~50µA |
| **Package Type** | SOT-23-3 / SOT-25 / SOT-89 (AE2 specifically refers to SOT-23) |
| **Operating Temperature** | -40°C to +85°C |
---
### ## Key Features
* **Low Dropout Voltage:** Minimizes power loss by allowing the device to operate even when the input voltage is only slightly higher than the output voltage.
* **High Accuracy:** Usually maintains output voltage within ±2%.
* **Built-in Protections:**
* **Current Limiting:** Protects the IC during output short circuits.
* **Thermal Shutdown:** Shuts the device off if internal temperatures exceed safe limits.
* **Low Noise:** Suitable for sensitive analog and RF circuits.
---
### ## Part Number Breakdown
Understanding the suffix codes helps in identifying the exact variant:
1. **LR9101L**: Series name (Low Dropout Regulator).
2. **10**: Indicates the output voltage (1.0V).
3. **AE2**: Refers to the Package Type (SOT-23).
4. **R**: Indicates "Tape & Reel" packaging for automated assembly.
---
### ## Pin Configuration (SOT-23)
In the standard **AE2 (SOT-23)** package, the pinout generally follows this structure:
```text
Pin 1: GND (Ground)
Pin 2: VOUT (Regulated Output)
Pin 3: VIN (Unregulated Input)
```
*(Note: Always verify with the specific UTC datasheet as pinouts can vary between package versions like SOT-25 or SOT-89).*
---
### ## Typical Application Circuit
To ensure stability, LDOs require external capacitors.
```mermaid
graph LR
A[Input Voltage] --> B((1uF Cap))
B --> C[VIN]
C --> D[LR9101L]
D --> E[VOUT]
E --> F((1uF Cap))
F --> G[Stable 1.0V Output]
D --> H[GND]
```
- ⤷
What is the maximum dropout voltage for the LR9101L at full load?
- ⤷ Can this regulator handle an input voltage of 12V?
- ⤷ What are the recommended ESR values for the output capacitor?