LR9101L-12-AE2-R
AI

The **LR9101L-12-AE2-R** is a low-dropout (LDO) linear voltage regulator manufactured by UTC (Unisonic Technologies Co., Ltd). It is designed to provide a stable 1.2V output from a higher input voltage with minimal power loss.
---
### ## Technical Specifications
Below are the core parameters for the LR9101L-12-AE2-R:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | 1.2V (Fixed) |
| **Maximum Output Current** | 300mA |
| **Input Voltage Range** | Up to 6.0V |
| **Package Type** | SOT-23-3 |
| **Dropout Voltage** | Low (Typically < 200mV at full load) |
| **Quiescent Current** | Low power consumption (Ideal for battery use) |
| **Protection Features** | Thermal Shutdown, Current Limiting |
---
### ### Key Features and Benefits
1. **Low Dropout (LDO):** The "L" in the series signifies its ability to maintain a stable output even when the input voltage is only slightly higher than the target output.
2. **Compact Form Factor:** The **SOT-23-3** package is extremely small, making it suitable for space-constrained applications like smartphones or IoT sensors.
3. **Low Noise:** Linear regulators provide much cleaner power compared to switching regulators (DC-DC converters), which is vital for sensitive analog circuits.
4. **Simplicity:** Being a fixed-voltage regulator, it requires minimal external components (usually just two small capacitors).
---
### ### Part Number Breakdown
The alphanumeric code provides specific details about the component's configuration:
* **LR9101L:** Base series (CMOS Low Dropout Regulator).
* **12:** Represents the output voltage (1.2 Volts).
* **AE2:** Refers to the **SOT-23-3** package type.
* **R:** Indicates "Tape and Reel" packaging for automated assembly.
---
### ### Application Circuit Example
To use this part, you typically need an input capacitor ($C_{IN}$) and an output capacitor ($C_{OUT}$) to ensure stability and filter noise.
```text
Input (e.g. 3.3V) ----[ Vin ]-------[ Vout ]---- Output (1.2V)
| |
[C_in] [C_out]
| |
GND ------------------[ GND ]---------|---------- GND
```
---
- ⤷What are the recommended capacitor values for the LR9101L?
- ⤷ How does the thermal shutdown feature protect the LR9101L?
- ⤷ Can the LR9101L-12 be used for 1.8V output applications?