Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LR9101L-25-AE2-R

  • AI
    The **LR9101L-25-AE2-R** is a specific low-dropout (LDO) linear regulator manufactured by Unisonic Technologies (UTC). It is designed to provide a stable, fixed output voltage from a higher input voltage with very low power loss. --- ### 1. Key Technical Specifications The part number itself contains encoded information about its performance and physical characteristics: | Parameter | Specification | | :--- | :--- | | **Output Voltage** | 2.5V (Fixed) | | **Input Voltage Range** | Up to 6.0V | | **Output Current** | 300mA (Maximum) | | **Quiescent Current** | ~50µA (Low power consumption) | | **Package Type** | SOT-23-3 (identified by the AE2 code) | | **Dropout Voltage** | Approx. 200mV @ 100mA | | **Accuracy** | ±2% | --- ### 2. Part Number Breakdown Understanding the suffix codes helps in identifying the exact variant: * **LR9101L**: The series name (CMOS LDO Regulator). * **25**: Indicates the fixed output voltage of **2.5V**. * **AE2**: Refers to the **SOT-23-3** package pinout. * **R**: Indicates the shipping method (Tape and Reel). --- ### 3. Internal Features and Protections The LR9101L series is built using CMOS technology, which allows for high precision and low noise. Key internal blocks include: 1. **Voltage Reference**: A temperature-compensated bandgap reference for stability. 2. **Error Amplifier**: Compares the output to the reference to maintain regulation. 3. **Current Limit Protection**: Prevents the chip from burning out during a short circuit or over-current event. 4. **Thermal Shutdown**: Automatically turns off the regulator if the internal junction temperature exceeds safe limits (typically around 150°C). --- ### 4. Typical Application Circuit To ensure stability, LDOs require external capacitors. Below is the standard implementation: ```markdown Vin (Input) ----[ C1 (1uF) ]---- Pin 3 (VIN) Pin 2 (VOUT) ----[ C2 (1uF) ]---- Vout (2.5V) Pin 1 (GND) -------------------- Ground ``` * **C1 (Input Capacitor):** Minimizes input noise and compensates for long power lines. * **C2 (Output Capacitor):** Crucial for loop stability and transient response. --- ### 5. Common Use Cases * **Battery Powered Devices**: Due to the low quiescent current, it extends battery life. * **Mobile Phones/Tablets**: Powering low-voltage digital logic or sensors. * **Reference Voltages**: Providing a clean 2.5V rail for Analog-to-Digital Converters (ADCs).
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternatives to the LR9101L if it is out of stock?
    • ⤷ How does the dropout voltage affect the efficiency of this regulator?
    • ⤷ Can I use an output capacitor larger than 1uF for better stability?