LR9101L-33-AL4-R
AI

The **LR9101L-33-AL4-R** is a low-dropout (LDO) linear voltage regulator typically manufactured by UTC (Unisonic Technologies). It is designed to provide a stable 3.3V output from a higher input voltage with very low noise and high efficiency.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the device:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Output Voltage** | 3.3V | Fixed output voltage |
| **Input Voltage Range** | Up to 6.0V | Maximum operating input |
| **Output Current** | 300mA - 600mA | Varies slightly by specific batch/cooling |
| **Dropout Voltage** | ~200mV @ 100mA | Low overhead required for regulation |
| **Quiescent Current** | ~50µA | Low power consumption during idle |
| **Package Type** | SOT-25 / SOT-23-5 | Small surface mount footprint |
---
### 2. Part Number Breakdown
Understanding the suffix codes helps identify the specific variant of the chip:
* **LR9101L**: The base model series (High-speed LDO).
* **33**: Indicates a fixed **3.3V** output.
* **AL4**: Refers to the specific pinout configuration and package (usually SOT-25).
* **R**: Tape and Reel packaging (for automated PCB assembly).
---
### 3. Pin Configuration (Typical SOT-25)
Most variants of this IC follow a standard 5-pin layout:
1. **VIN**: Input Voltage Supply.
2. **GND**: Ground Reference.
3. **EN (CE)**: Chip Enable (High = On, Low = Shutdown).
4. **NC/BP**: No connection or Bypass capacitor (for noise reduction).
5. **VOUT**: Regulated 3.3V Output.
---
### 4. Application Circuit Features
To ensure stability and performance, the following components are typically required:
* **Input Capacitor ($C_{IN}$):** A 1µF ceramic capacitor is usually placed close to the VIN pin to filter supply noise.
* **Output Capacitor ($C_{OUT}$):** A 1µF to 4.7µF ceramic capacitor is mandatory for loop stability.
* **Thermal Protection:** The IC includes internal thermal shutdown and current limiting to prevent damage during a short circuit.
---
### 5. Common Use Cases
* **Battery Powered Devices:** Due to low quiescent current and LDO characteristics.
* **Microcontrollers:** Powering 3.3V MCUs (like ESP32 or ARM Cortex-M) from a 5V rail.
* **RF Modules:** Providing clean power to noise-sensitive WiFi or Bluetooth chips.
- ⤷What is the maximum input voltage safety margin for the LR9101L?
- ⤷ How does the 'Enable' pin affect power consumption in deep sleep modes?
- ⤷ Can I use tantalum capacitors instead of ceramic for the output?