LR9102G-25-AF5-R
AI

The **LR9102G-25-AF5-R** is a low-dropout (LDO) linear regulator manufactured by UTC (Unisonic Technologies). It is designed to provide a stable, fixed output voltage with low noise and low power consumption.
---
### ## Technical Specifications
Below are the primary electrical characteristics of the LR9102G-25-AF5-R:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage (Vout)** | 2.5V (Fixed) |
| **Input Voltage Range** | Up to 6V |
| **Output Current** | 300mA |
| **Dropout Voltage** | ~200mV @ 100mA |
| **Quiescent Current** | ~50µA |
| **Package Type** | SOT-25 / SOT-23-5 |
| **Operating Temperature** | -40°C to +85°C |
---
### ### Key Features
* **Low Dropout Voltage:** Allows the device to operate efficiently even when the input voltage is only slightly higher than the output voltage.
* **Shutdown Mode:** Includes an "Enable" (EN) pin to turn off the device, reducing current consumption to nearly zero.
* **Built-in Protections:**
* *Current Limiting:* Prevents damage during over-current conditions.
* *Thermal Shutdown:* Automatically turns off the chip if it exceeds safe operating temperatures.
* **Stability:** Optimized for use with low-ESR ceramic capacitors.
---
### ### Pin Configuration (SOT-25)
| Pin Number | Symbol | Description |
| :---: | :---: | :--- |
| 1 | **VIN** | Input Voltage Supply |
| 2 | **GND** | Ground |
| 3 | **EN** | Enable Pin (High = On, Low = Off) |
| 4 | **NC/BP** | No Connection or Bypass Capacitor |
| 5 | **VOUT** | Regulated 2.5V Output |
---
### ### Part Number Breakdown
Understanding the suffix codes for this specific component:
* **LR9102:** Series name (LDO Regulator).
* **G:** Halogen-free and Lead-free (Green).
* **25:** Fixed output voltage of **2.5V**.
* **AF5:** Package code for **SOT-25**.
* **R:** Packing type (Tape and Reel).
---
### ### Typical Application Circuit
To ensure stability, a typical circuit requires minimal external components:
```text
Input (Vin) ----[ C1: 1uF ]----( PIN 1: VIN )
( PIN 5: VOUT )----[ C2: 1uF ]---- Output (2.5V)
( PIN 2: GND )---- Ground
( PIN 3: EN )---- Logic High/Input
```
- ⤷
What are the main differences between the LR9102 and the LR9101 series?
- ⤷ Can this LDO be used with an input voltage higher than 6V?
- ⤷ What is the recommended value for the bypass capacitor on pin 4?