LR9103G-25-AF5-R
AI

The **LR9103G-25-AF5-R** is a low-dropout (LDO) linear voltage regulator. It is designed to provide a stable, fixed output voltage while minimizing power loss and noise in electronic circuits.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | 2.5V (Fixed) |
| **Input Voltage Range** | Up to 6.0V |
| **Output Current** | 300mA |
| **Dropout Voltage** | Low (typically ~150-300mV at full load) |
| **Package Type** | SOT-25 / SOT-23-5 |
| **Accuracy** | ±2% |
| **Quiescent Current** | Very low (~50µA to 90µA) |
---
### 2. Part Number Breakdown
Understanding the suffix codes helps in identifying the specific version of this component:
* **LR9103G**: The base model series (LDO Regulator).
* **25**: Indicates the output voltage is **2.5V**.
* **AF5**: Refers to the package type, typically **SOT-25** (5-pin small outline transistor).
* **R**: Indicates the packaging method, usually **Tape & Reel**.
---
### 3. Functional Features
* **Low Dropout (LDO):** It can maintain a 2.5V output even when the input voltage is only slightly higher (e.g., 2.7V).
* **High PSRR:** It has a high Power Supply Rejection Ratio, which helps filter out noise from the input power source.
* **Protection Circuits:**
* *Current Limit:* Prevents damage if the output is short-circuited.
* *Thermal Shutdown:* Automatically turns off if the chip overheats.
* **Enable Pin (EN):** Most AF5 (5-pin) versions include an enable pin to turn the regulator on or off to save power in battery-operated devices.
---
### 4. Typical Application Circuit
To ensure stability, LDOs require external capacitors.
```text
Input (Vin) ----[ C1: 1uF ]----| LR9103 |----[ C2: 1uF ]---- Output (2.5V)
| GND |
```
* **C1 (Input Capacitor):** Stabilizes the input and handles transient spikes.
* **C2 (Output Capacitor):** Crucial for loop stability; usually a ceramic capacitor with low ESR (Equivalent Series Resistance).
---
### 5. Common Use Cases
* **Mobile Devices:** Powering microcontrollers or sensors in smartphones.
* **Battery-Powered Systems:** Due to its low quiescent current, it preserves battery life.
* **Noise-Sensitive Analog Circuits:** Providing clean power to RF or audio components.
- ⤷
What are the alternatives to the SOT-25 package for this regulator?
- ⤷ How does the dropout voltage affect the efficiency of this component?
- ⤷ Can this regulator be used with an input voltage higher than 6V?