LR9113L-30-AF5-R
AI

### LR9113L-30-AF5-R: Part Overview and Specifications
The **LR9113L-30-AF5-R** is a high-accuracy, low-dropout (LDO) linear voltage regulator. It is designed for applications requiring a stable power supply with minimal noise and low power consumption.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | 3.0V (Fixed) |
| **Input Voltage Range** | Up to 6.0V |
| **Output Current** | 300mA to 600mA (load dependent) |
| **Dropout Voltage** | Typically 200mV @ 300mA |
| **Package Type** | SOT-25 / SOT-23-5 (AF5 suffix) |
| **Accuracy** | ±2% |
| **Quiescent Current** | ~60µA (Typical) |
---
### 2. Part Number Breakdown
The nomenclature provides specific details about the component's configuration:
* **LR9113**: The base series number for the CMOS LDO regulator.
* **L**: Lead-free (RoHS compliant) plating.
* **30**: Represents the fixed output voltage of **3.0 Volts**.
* **AF5**: Refers to the physical package style (SOT-25 / SOT-23-5).
* **R**: Tape and Reel packaging for automated assembly.
---
### 3. Pin Configuration (SOT-25)
Typically, the device follows a standard 5-pin layout:
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **VIN** | Supply Voltage Input |
| 2 | **VSS** | Ground |
| 3 | **CE / EN** | Chip Enable (Active High) |
| 4 | **NC / BYP** | No connection or Bypass Capacitor (depending on variant) |
| 5 | **VOUT** | Regulated Output Voltage (3.0V) |
---
### 4. Core Features and Applications
#### Features:
* **Low Dropout:** Allows the device to operate efficiently even when the input voltage is only slightly higher than the output voltage.
* **Built-in Protections:** Usually includes thermal shutdown and current limiting to prevent damage during fault conditions.
* **Stability:** Designed to be stable with low-ESR ceramic capacitors.
#### Common Applications:
* **Mobile Devices:** Cell phones, PDAs, and handheld scanners.
* **Battery Powered Equipment:** Due to low quiescent current.
* **Post-Regulation:** Cleaning up noise from switching power supplies for sensitive analog circuits.
---
### 5. Typical Application Circuit
To use this part effectively, the following basic setup is required:
```text
[Input Voltage] ----[ VIN ]-------[ VOUT ]---- [3.0V Output]
| |
[1uF Cap] [1uF Cap]
| |
[Ground] ------------[ VSS ]--------[ VSS ]---- [Ground]
```
- ⤷
What is the maximum input voltage the LR9113L can handle safely?
- ⤷ Are there adjustable versions of the LR9113 series available?
- ⤷ What is the specific thermal resistance for the AF5 (SOT-25) package?