Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LR9200G-2J-AF5-R

  • AI
    The **LR9200G-2J-AF5-R** is a specific electronic component, typically identified as a **Low Dropout (LDO) Linear Regulator**. Below is a detailed breakdown of its specifications, pinout, and characteristics based on standard industry naming conventions (often associated with manufacturers like UTC - Unisonic Technologies). --- ## 1. Technical Specifications This device is designed to provide a stable output voltage from a higher, potentially fluctuating input voltage. | Parameter | Description | Typical Value | | :--- | :--- | :--- | | **Output Voltage** | Fixed Output | 1.2V (Common for "2J" suffix) | | **Input Voltage Range** | Operating Range | 2.5V to 6.0V | | **Output Current** | Maximum Load | 300mA to 500mA | | **Dropout Voltage** | Efficiency Metric | ~150mV @ 100mA | | **Package Type** | Physical Footprint | SOT-25 / SOT-23-5 | | **Quiescent Current** | Idle Power Draw | ~50µA | --- ## 2. Part Number Breakdown The alphanumeric code provides specific details about the chip's configuration: * **LR9200G**: Series Name (LDO Regulator). * **2J**: Voltage Code (Often signifies a specific fixed voltage, e.g., 1.2V). * **AF5**: Package Code (SOT-25 / SOT-23-5). * **R**: Packing Code (Tape & Reel). --- ## 3. Pin Configuration (SOT-25) Most regulators in this series follow a standard 5-pin layout: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **VIN** | Input Voltage Supply | | 2 | **GND** | Ground | | 3 | **EN / CE** | Enable/Chip Enable (High = ON, Low = OFF) | | 4 | **NC / BP** | No Connection or Bypass Capacitor (for noise reduction) | | 5 | **VOUT** | Regulated Output Voltage | --- ## 4. Key Features * **Low Noise:** High Ripple Rejection (PSRR), making it suitable for RF and sensitive analog circuits. * **Enable Function:** Allows the system to shut down the regulator to save power in battery-operated devices. * **Protection:** Includes internal thermal shutdown and current limit protection to prevent damage during a short circuit. * **Stability:** Requires minimal external components (usually just two ceramic capacitors). --- ## 5. Typical Application Circuit ```text [Input Voltage] ----[ VIN ]-------[ VOUT ]---- [Regulated Output] | | [C1: 1uF] [C2: 1uF] | | [Ground] ------------[ GND ]-------[ GND ] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the LR9200G?
    • ⤷ How does the 'Enable' pin affect power consumption in standby mode?
    • ⤷ What is the specific output voltage for the '2J' suffix according to the UTC datasheet?