LR9200G-33-AF5-R
AI

The **LR9200G-33-AF5-R** is a low-dropout (LDO) linear regulator manufactured by UTC (Unisonic Technologies Co., Ltd). It is designed to provide a stable 3.3V output voltage with high efficiency and low noise, typically used in battery-powered or space-constrained electronic devices.
---
### ## Technical Specifications
The following table summarizes the key electrical characteristics of the LR9200G-33-AF5-R:
| Parameter | Value / Description |
| :--- | :--- |
| **Output Voltage** | 3.3V (Fixed) |
| **Input Voltage Range** | Up to 6.0V |
| **Max Output Current** | 300mA |
| **Dropout Voltage** | ~200mV @ 100mA (Typical) |
| **Package Type** | SOT-25 / SOT-23-5 |
| **Quiescent Current** | ~50µA (Low power consumption) |
| **Operating Temp** | -40°C to +85°C |
---
### ## Part Number Breakdown
Understanding the nomenclature helps in identifying specific features:
* **LR9200**: Series name (Low Dropout CMOS Linear Regulator).
* **G**: Halogen-free and RoHS compliant.
* **33**: Indicates a fixed **3.3V** output.
* **AF5**: Package code for **SOT-25** (also known as SOT-23-5).
* **R**: Tape and Reel packaging for automated assembly.
---
### ## Core Features & Internal Protections
The LR9200 series is built using CMOS technology to ensure high precision and low power consumption.
1. **Low Dropout (LDO):** It can maintain a 3.3V output even when the input voltage is very close to the output voltage (e.g., 3.5V input).
2. **Enable Pin (CE):** Includes a "Chip Enable" pin that allows the regulator to be turned on or off via logic signals to save power in standby mode.
3. **Thermal Shutdown:** Automatically shuts down if the internal junction temperature exceeds safe limits.
4. **Current Limiting:** Protects the device and the load from damage during short-circuit conditions.
---
### ## Typical Application Circuit
The device requires minimal external components to function. Below is a standard representation of its wiring:
```text
[Input Voltage] ----(VIN)---[LR9200G]---(VOUT)---- [3.3V Load]
| | |
(GND) (CE) (Cout)
| | |
-----------------------
```
* **Cin:** 1.0µF Ceramic capacitor recommended for input stability.
* **Cout:** 1.0µF Ceramic capacitor required for output stability and transient response.
* **CE:** Connect to High (Vin) to enable; Low (GND) to disable.
- ⤷
What is the maximum input voltage rating for the LR9200G series?
- ⤷ Can this regulator be used with a 5V USB power source?
- ⤷ How does the 'G' suffix impact the environmental compliance of the part?