LR9203DG-16-AF5-R
AI

The **LR9203DG-16-AF5-R** is a specific low-dropout (LDO) linear regulator typically manufactured by UTC (Unisonic Technologies Co., Ltd). It is designed to provide a stable, fixed output voltage while maintaining a very low dropout voltage across the device.
---
### ## Technical Specifications
Below are the primary electrical and physical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Part Number** | LR9203DG-16-AF5-R |
| **Output Voltage (Fixed)** | 1.6V |
| **Output Current** | 300mA (Typical) |
| **Package Type** | SOT-25 / SOT-23-5 |
| **Control Pin** | Enable (CE) function included |
| **Accuracy** | ±2.0% |
| **Configuration** | Fixed Low Dropout Regulator |
---
### ## Internal Component Architecture
The LR9203 series consists of several critical internal sub-circuits that ensure stable power delivery:
1. **Reference Voltage Source:** An internal bandgap reference provides the stable baseline for the 1.6V output.
2. **Error Amplifier:** Compares the output voltage against the reference to adjust the pass transistor.
3. **Pass Transistor:** A P-channel MOSFET (typically) that controls the flow of current from input to output.
4. **Current Limiter:** Protects the device from damage during short-circuit conditions or excessive loads.
5. **Thermal Shutdown:** Automatically turns off the regulator if the internal junction temperature exceeds safety limits.
---
### ## Pin Configuration (SOT-25)
Standard pinout for this AF5 package variant:
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| 1 | **VIN** | Unregulated Supply Input |
| 2 | **VSS** | Ground |
| 3 | **CE** | Chip Enable (High = On, Low = Off) |
| 4 | **NC/BYP** | No connection or Bypass Capacitor (depending on variant) |
| 5 | **VOUT** | Regulated 1.6V Output |
---
### ## Key Features & Applications
* **Low Quiescent Current:** Minimizes power consumption when the device is in standby mode.
* **High PSRR:** Effective at filtering out noise from the input supply, making it ideal for sensitive circuits.
* **Fixed Output:** The "16" in the part number indicates a factory-set 1.6V output, eliminating the need for external divider resistors.
**Common Applications:**
* Battery-powered portable devices.
* Powering microcontrollers or DSP cores requiring 1.6V.
* Wireless communication modules (Bluetooth/Wi-Fi).
* Low-noise analog signal conditioning.
- ⤷
What are the recommended input and output capacitor values for the LR9203 series?
- ⤷ How does the 'DG' suffix in the part number affect the environmental compliance (e.g.
- ⤷ Halogen-free)?
- ⤷ What is the maximum input voltage rating for this specific LDO?