LR9280CL-28-AE2-R
AI

The **LR9280CL-28-AE2-R** is a specific low-dropout (LDO) linear regulator manufactured by UTC (Unisonic Technologies Co., Ltd.). It is designed to provide a stable, fixed output voltage from a higher input voltage with very low noise and minimal power loss.
### 1. Part Number Breakdown
Understanding the suffix codes helps identify the specific characteristics of this component:
| Component Part | Meaning | Description |
| :--- | :--- | :--- |
| **LR9280** | Base Series | Low Dropout (LDO) Linear Regulator |
| **CL** | Feature Code | High PSRR, Low Noise, and Low Quiescent Current |
| **28** | Voltage Code | Fixed Output Voltage: **2.8V** |
| **AE2** | Package Code | **SOT-23-3** (Small Outline Transistor) |
| **R** | Packing | **Tape & Reel** (Standard for automated assembly) |
---
### 2. Key Technical Specifications
The LR9280 series is optimized for battery-powered applications where efficiency and space are critical.
* **Output Voltage:** Fixed 2.8V.
* **Maximum Output Current:** Typically 300mA to 600mA (model dependent).
* **Dropout Voltage:** Extremely low (approx. 200mV at full load), allowing the device to function even when the battery is nearly discharged.
* **PSRR (Power Supply Rejection Ratio):** High (approx. 70dB at 1kHz), which filters out input noise effectively.
* **Quiescent Current:** Very low (around 50-70µA), preserving battery life in idle states.
* **Input Voltage Range:** Typically up to 6V.
---
### 3. Pin Configuration (SOT-23-3)
The device uses a standard 3-pin footprint.
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| 1 | **GND** | Ground connection. |
| 2 | **VOUT** | Regulated output voltage (2.8V). |
| 3 | **VIN** | Unregulated input voltage. |
---
### 4. Typical Application Circuit
To ensure stability, LDOs require external capacitors. For the LR9280CL, Ceramic capacitors with low ESR are recommended.
```c
Input (VIN) ----+-------[ LR9280 ]-------+---- Output (2.8V)
| (VOUT) |
[C1] (GND) [C2]
| | |
Ground ----------+---------+--------------+
```
* **C1 (Input Capacitor):** 1µF Ceramic (prevents input oscillations).
* **C2 (Output Capacitor):** 1µF to 2.2µF Ceramic (essential for loop stability).
---
### 5. Common Applications
* **Mobile Devices:** Powering 2.8V logic in smartphones or tablets.
* **Camera Modules:** Providing clean power to image sensors (due to high PSRR).
* **RF Modules:** Bluetooth or Wi-Fi chips requiring noise-free supply.
* **Battery-Powered Tools:** Extending run-time via low quiescent current.
- ⤷What is the maximum input voltage for the LR9280 series?
- ⤷ Can I substitute a 3.0V LDO for this 2.8V model in most circuits?
- ⤷ How does the dropout voltage affect battery life in portable devices?