LR9280CL-40-AE3-R
AI

The **LR9280CL-40-AE3-R** is a specific low-dropout (LDO) linear regulator typically manufactured by UTC (Unisonic Technologies Co.). It is designed to provide a stable, fixed output voltage from a fluctuating input voltage.
---
### 1. Part Number Breakdown
Understanding the suffix codes helps identify the specific characteristics of this component:
| Code Segment | Meaning |
| :--- | :--- |
| **LR9280** | Series identification (High-speed LDO) |
| **CL** | Accuracy and specific internal configuration |
| **40** | Output Voltage (4.0V) |
| **AE3** | Package Type (Typically SOT-23) |
| **R** | Packing style (Tape and Reel) |
---
### 2. Key Technical Specifications
The LR9280 series is known for high ripple rejection and low noise, making it suitable for RF and sensitive analog circuits.
* **Output Voltage:** Fixed 4.0V.
* **Maximum Input Voltage:** Usually up to 6V or 7V (varies by sub-series).
* **Maximum Output Current:** Typically 300mA to 500mA.
* **Dropout Voltage:** Low dropout (usually $<300\text{mV}$ at full load).
* **Quiescent Current:** Very low, often around $50\mu\text{A}$, extending battery life.
* **PSRR (Power Supply Rejection Ratio):** High (often $>70\text{dB}$ at $1\text{kHz}$), which filters out input noise.
---
### 3. Pin Configuration (SOT-23)
The standard AE3 (SOT-23) package usually follows this pinout:
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **GND** | Ground connection |
| 2 | **VOUT** | Regulated output voltage (4.0V) |
| 3 | **VIN** | Unregulated input voltage |
---
### 4. Typical Application Circuit
To ensure stability, LDOs require external capacitors.
```c
Input (VIN) ----[ C1: 1uF ]----| LR9280 |----[ C2: 1uF ]---- Output (4.0V)
| GND |
|
Ground
```
* **C1 (Input Capacitor):** Stabilizes the input and minimizes noise.
* **C2 (Output Capacitor):** Crucial for loop stability and transient response. Ceramic capacitors are typically recommended.
---
### 5. Common Use Cases
* **Mobile Devices:** Powering sensors or Bluetooth modules.
* **Battery-Powered Systems:** Due to low quiescent current.
* **RF Modules:** Where low noise and high PSRR are required to prevent signal interference.
---
- ⤷What is the maximum power dissipation for the SOT-23 package of this IC?
- ⤷ Can I use an output capacitor larger than 1uF for better stability?
- ⤷ How does the dropout voltage change with higher load currents?