LRC10-R22M-RC
AI

The **LRC10-R22M-RC** is a specific electronic component belonging to the family of **Surface Mount (SMD) Power Inductors**. It is widely used in power management circuits to store energy in a magnetic field.
---
### 1. Part Number Breakdown
The alphanumeric code provides specific technical details about the component's construction and value:
| Segment | Description | Meaning |
| :--- | :--- | :--- |
| **LRC10** | Series/Case Size | Indicates the physical dimensions (approx. 10mm series). |
| **R22** | Inductance Value | Represents **0.22 µH** (Microhenries). |
| **M** | Tolerance | Indicates **±20%** tolerance. |
| **RC** | Compliance | Stands for **RoHS Compliant**. |
---
### 2. Technical Specifications
While exact specs can vary slightly by manufacturer (such as Allied Components), typical characteristics for this part type include:
* **Inductance:** 0.22 µH.
* **Operating Temperature:** Generally -40°C to +125°C.
* **Construction:** Wire-wound on a ferrite core, often shielded to reduce Electromagnetic Interference (EMI).
* **Mounting Type:** Surface Mount Device (SMD/SMT).
---
### 3. Key Functions in a Circuit
The LRC10-R22M-RC serves several critical roles in electronic assemblies:
1. **Energy Storage:** In DC-DC converters (Buck or Boost), it stores energy during the "on" cycle and releases it during the "off" cycle to maintain a steady output.
2. **Filtering:** It acts as a low-pass filter, allowing DC current to pass while blocking high-frequency noise (ripple) from power supplies.
3. **Impedance Matching:** Used in high-frequency circuits to match the impedance between different stages.
---
### 4. Common Applications
Due to its low inductance value (0.22 µH) and high current handling capability, this part is commonly found in:
* **Voltage Regulator Modules (VRMs):** Found on computer motherboards and GPUs.
* **Portable Electronics:** Smartphones and tablets for power efficiency.
* **Automotive Electronics:** Power distribution units and infotainment systems.
* **LED Drivers:** Managing current flow to high-power LEDs.
---
- ⤷
What is the maximum current rating (Irms) for the LRC10-R22M-RC?
- ⤷ How does the shielding in this inductor prevent EMI in sensitive circuits?
- ⤷ Can you suggest a direct equivalent from another manufacturer like Bourns or Murata?