Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LRC40-R12M-RC

  • AI
    The **LRC40-R12M-RC** is a high-performance power inductor, typically manufactured by companies like **Taiyo Yuden** (specifically the NR series or similar variants) or generic equivalents following the LRC series standard. These components are designed for high-density power supply circuits. --- ### 1. General Specifications The part number can be broken down into its technical characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 0.12 µH (R12) | Measured at 100 kHz. | | **Tolerance** | ±20% (M) | Standard industry tolerance for power inductors. | | **Core Material** | Ferrite | High-permeability magnetic material. | | **RoHS Status** | Compliant (RC) | Lead-free and environmentally safe. | | **Case Size** | 4.0 x 4.0 mm | Compact square footprint. | --- ### 2. Key Electronic Features * **High Current Capability:** Due to the low inductance value (0.12µH), this part is designed to handle high saturation currents without the magnetic core "saturating" (losing its inductive properties). * **Low DC Resistance (DCR):** The physical design uses thicker copper windings to minimize power loss as heat, ensuring high efficiency in power conversion. * **Magnetic Shielding:** Most LRC40 series components are resin-shielded or semi-shielded to reduce Electromagnetic Interference (EMI) with neighboring components. --- ### 3. Application Use Cases Inductors like the LRC40-R12M-RC are critical in the following circuits: 1. **DC-DC Converters:** Used as the energy storage element in buck (step-down) or boost (step-up) converters. 2. **Power Management Integrated Circuits (PMICs):** Found in smartphones, tablets, and laptops where space is limited but power demands are high. 3. **Voltage Regulator Modules (VRM):** Used in CPU/GPU power delivery where rapid transient responses are required. --- ### 4. Comparison to Similar Parts Compared to larger inductors (e.g., 10µH), the **0.12µH** value indicates this part is intended for **high-frequency switching power supplies** (usually operating above 1MHz to 3MHz). ```json { "part_series": "LRC40", "inductance_val": "0.12uH", "tolerance": "20%", "mounting_type": "SMD/SMT" } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current (Isat) for the LRC40-R12M-RC?
    • ⤷ Can this inductor be used in automotive-grade environments?
    • ⤷ How does the DCR of this part affect power efficiency in a buck converter?