LRF2512-R01GT1
AI

## Overview: LRF2512-R01GT1
The **LRF2512-R01GT1** is a high-power, low-resistance SMT (Surface Mount Technology) shunt resistor, typically manufactured by **Welwyn (TT Electronics)**. It is specifically designed for current sensing applications where high precision and thermal stability are required.
---
### 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Resistance Value** | 0.01 $\Omega$ (10 m$\Omega$) |
| **Power Rating** | 2 Watts |
| **Tolerance** | ±2% (indicated by 'G') |
| **Package Size** | 2512 (Imperial) / 6432 (Metric) |
| **Technology** | Thick Film on Steel or Ceramic |
| **Temperature Coefficient (TCR)** | ±100 ppm/°C |
| **Operating Temp Range** | -55°C to +155°C |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
* **LRF:** Series Name (Low Resistance Film).
* **2512:** Physical dimensions (0.25 x 0.12 inches).
* **R01:** The resistance value ($R$ acts as the decimal). $R01 = 0.01 \Omega$.
* **G:** Resistance Tolerance ($G = \pm2\%$).
* **T1:** Packaging (typically refers to Tape & Reel, 1000 pieces).
---
### 3. Key Electronic Characteristics
#### A. Low Ohmic Value
At **10 m$\Omega$**, this resistor is used as a "shunt." It allows large currents to pass through while creating a very small, measurable voltage drop ($V = I \times R$) across its terminals. This voltage is then read by a microcontroller or an op-amp to calculate the current.
#### B. Power Dissipation
The **2W rating** is high for a 2512 package. This is achieved through a specialized construction that maximizes thermal conduction to the PCB (Printed Circuit Board) pads. It can handle significant current:
$$I = \sqrt{P / R} = \sqrt{2 / 0.01} \approx 14.14 \text{ Amperes}$$
#### C. Thermal Management
The LRF series often utilizes a metal foil or thick film on a ceramic substrate to ensure that the resistance value remains stable even as the component heats up due to high current flow.
---
### 4. Common Applications
* **Battery Management Systems (BMS):** Monitoring charge and discharge cycles.
* **DC-DC Converters:** Providing feedback for current-mode control.
* **Motor Control:** Detecting over-current conditions or phase currents.
* **Power Supplies:** Load regulation and protection circuits.
---
- ⤷
What is the maximum current this resistor can handle without exceeding its 2W power rating?
- ⤷ How does the TCR (Temperature Coefficient) impact the accuracy of current sensing in this part?
- ⤷ Are there 1% tolerance alternatives available for the LRF2512 series?