Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LRF2512-R01GW

  • AI
    ## Overview: LRF2512-R01GW The **LRF2512-R01GW** is a high-power, low-resistance surface mount (SMT) resistor, commonly referred to as a **Current Sense Resistor** or **Shunt Resistor**. It is manufactured by **Welwyn (TT Electronics)**. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and electrical characteristics: | Parameter | Value / Detail | | :--- | :--- | | **Series** | LRF (Low Resistance Metal Foil) | | **Package Size** | 2512 (6.4mm x 3.2mm) | | **Resistance Value** | 0.01 $\Omega$ (10m$\Omega$) | | **Tolerance** | ±2% (indicated by 'G') | | **Power Rating** | 2 Watts | | **Temperature Coefficient (TCR)** | ±100 ppm/°C | | **Technology** | Metal Foil on Ceramic | --- ### 2. Key Features * **Low Ohmic Value:** Designed to measure current by creating a small, predictable voltage drop ($V = I \times R$). * **High Power Dissipation:** The 2512 footprint combined with metal foil technology allows it to handle up to 2W without overheating. * **AEC-Q200 Compliant:** Often used in automotive applications due to its ruggedness and stability. * **Inductance:** Very low self-inductance, making it suitable for high-frequency switching applications. --- ### 3. Application Use Cases This component is typically used in circuits where monitoring current flow is critical: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles. 2. **Motor Control:** Detecting overcurrent conditions or controlling torque. 3. **DC-DC Converters:** Providing feedback for current-mode PWM controllers. 4. **Power Supplies:** Load sensing and regulation. --- ### 4. Comparison with Standard Resistors Standard thick-film resistors are not suitable for current sensing because their resistance values are too high and their TCR is unstable. | Feature | Standard 2512 Resistor | LRF2512-R01GW | | :--- | :--- | :--- | | **Stability** | Moderate | High (Metal Foil) | | **Resistance Range** | 1$\Omega$ to 10M$\Omega$ | 0.003$\Omega$ to 0.1$\Omega$ | | **Common Use** | Voltage Dropping / Pull-up | Precision Current Sensing | ---
    ✨ Follow-up Questions
    • ⤷What is the significance of the 2% tolerance in current sensing applications?
    • ⤷ How does the 2512 package handle thermal dissipation compared to smaller sizes?
    • ⤷ What are the common alternatives to the LRF series for higher precision requirements?