LRF2512-R02GT1
AI

The **LRF2512-R02GT1** is a high-power, low-resistance surface mount (SMD) resistor manufactured by **Welwyn (TT Electronics)**. It is primarily used for current sensing applications in power electronics.
---
### 1. Key Technical Specifications
The part number encodes specific characteristics that define its electrical behavior:
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Resistance** | 0.02 Ω (20mΩ) | Very low resistance for minimal voltage drop. |
| **Package Size** | 2512 (Imperial) | Large footprint (6.4mm x 3.2mm) for heat dissipation. |
| **Power Rating** | 2 Watts | Capable of handling significant current. |
| **Tolerance** | ±2% (G) | Precision level for current measurement. |
| **TCR** | ±100 ppm/°C | Temperature Coefficient of Resistance. |
| **Technology** | Thick Film | Metal foil/thick film on ceramic substrate. |
---
### 2. Functional Characteristics
#### Current Sensing (Shunt Resistor)
Because the resistance is extremely low ($20\text{m}\Omega$), this component is used as a **shunt**. When current flows through it, a small, proportional voltage drops across it ($V = I \times R$), which can be measured by a microcontroller or an op-amp to calculate the total current in the circuit.
#### Power Dissipation
The 2512 package is physically large compared to standard resistors (like 0805 or 0603). This allows the part to dissipate up to **2 Watts** of heat without failing, provided there is adequate copper padding on the PCB.
#### High Surge Capability
The LRF series is designed to handle short-term current surges, making it robust for motor start-ups or battery charging initializations.
---
### 3. Common Applications
* **Battery Management Systems (BMS):** Monitoring charge and discharge cycles.
* **DC-DC Converters:** Providing feedback for current-mode control.
* **Motor Control:** Detecting over-current conditions to protect the motor.
* **Power Supplies:** Regulating output current in industrial or consumer chargers.
---
### 4. PCB Layout Considerations
To ensure the accuracy of the **LRF2512-R02GT1**, specific layout techniques are required:
1. **Kelvin Connection (4-Terminal Sensing):** Since the resistance is only 20m$\Omega$, the resistance of the PCB traces themselves can introduce errors. It is recommended to use separate "sense" traces that connect directly to the resistor pads.
2. **Thermal Relief:** Large copper planes should be connected to the pads to act as a heatsink, as 2W of power can generate significant local heat.
- ⤷
How do I calculate the maximum current this resistor can handle based on its 2W rating?
- ⤷ What is the difference between this thick film version and a metal foil resistor?
- ⤷ Why is a Kelvin connection important for a 20m\u03a9 resistor?