LRF2512-R02JW
AI

The **LRF2512-R02JW** is a high-power, low-resistance surface-mount (SMD) resistor commonly used for current sensing applications. It is part of the LRF series manufactured by Welwyn (TT Electronics).
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and electrical characteristics.
| Parameter | Specification |
| :--- | :--- |
| **Series** | LRF (Low Resistance Metal Foil) |
| **Package Size** | 2512 (6.4mm x 3.2mm) |
| **Resistance Value** | 0.02 $\Omega$ (20m$\Omega$) |
| **Tolerance** | ±5% (indicated by 'J') |
| **Power Rating** | 2 Watts |
| **Temperature Coefficient (TCR)** | ±100 ppm/°C |
| **Operating Temperature** | -55°C to +155°C |
---
### 2. Key Features
* **Current Sensing:** Because of its very low resistance (20m$\Omega$), it is designed to measure current by monitoring the voltage drop across the component ($V = I \times R$).
* **High Power Dissipation:** The 2512 package is larger than standard resistors, allowing it to dissipate up to 2W of heat safely.
* **Metal Foil Technology:** Uses a thick film or metal foil element on a ceramic substrate to ensure stability and reliability under high thermal stress.
* **Low Inductance:** The construction minimizes inductive reactance, making it suitable for high-frequency switching applications.
---
### 3. Application Use Cases
This component is typically found in power management circuits where monitoring current flow is critical.
* **DC-DC Converters:** Sensing output current for regulation.
* **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Li-ion packs.
* **Motor Control:** Detecting overcurrent conditions to protect the motor driver.
* **Power Supplies:** Used in the feedback loop to maintain constant current.
---
### 4. Part Number Breakdown
`LRF` | `2512` | `-` | `R02` | `J` | `W`
---|---|---|---|---|---
Series Name | Case Size | | Resistance (0.02$\Omega$) | Tolerance (±5%) | Packaging (Tape & Reel)
- ⤷
What are the alternative tolerances available for the LRF2512 series?
- ⤷ How does the power derating curve affect this resistor at temperatures above 70°C?
- ⤷ Can this resistor be used in Kelvin (4-terminal) sensing configurations?