LSML-321611-R12M-B
AI

The part number **LSML-321611-R12M-B** refers to a **Multilayer Chip Power Inductor**. These components are widely used in modern electronics for power management in space-constrained devices like smartphones, tablets, and wearables.
---
### 1. Specification Breakdown
The alphanumeric code follows a standard naming convention used by manufacturers like Sunlord or Bourns to describe the physical and electrical characteristics:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **LSML** | Series Type | Multilayer Chip Power Inductor (Ferrite material). |
| **321611** | Case Size (EIA) | Metric 3216 (3.2mm x 1.6mm) / Imperial 1206. Thickness is 1.1mm. |
| **R12** | Inductance Value | **0.12 µH** ("R" acts as a decimal point). |
| **M** | Tolerance | **±20%** (Standard for power inductors). |
| **B** | Packaging/Finish | Usually denotes Bulk or specialized Lead-free plating. |
---
### 2. Key Technical Features
* **Multilayer Technology:** Unlike traditional wire-wound inductors, these are made by layering conductive paste and ferrite sheets. This results in a monolithic structure that is highly reliable and magnetic shielded.
* **Magnetic Shielding:** Because the magnetic flux is contained within the body, it causes minimal Electromagnetic Interference (EMI) with surrounding components.
* **High Current Capability:** Despite the small 1206 footprint, these are designed to handle higher saturation currents compared to standard signal inductors.
* **Low DC Resistance (DCR):** Designed to minimize power loss and heat generation.
---
### 3. Typical Applications
This specific inductor (0.12 µH) is commonly used in high-frequency switching environments:
1. **DC-DC Converters:** Used in Buck or Boost converters to smooth current for CPUs or RF modules.
2. **Power Management Units (PMIC):** Integrated into the power supply rails of mobile devices.
3. **Noise Suppression:** Filtering high-frequency noise in power lines.
---
### 4. Summary Table
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.12 µH |
| **Size Code** | 1206 (3216 Metric) |
| **Structure** | Multilayer Ferrite |
| **Tolerance** | ±20% |
| **Mounting Type** | Surface Mount (SMD) |
- ⤷
What is the maximum current rating (Irat) for the LSML-321611-R12M-B?
- ⤷ How does a multilayer inductor differ from a wire-wound inductor in terms of performance?
- ⤷ What are the recommended soldering profiles for 1206 SMD components?