LSMT2-10061-R
AI

The **LSMT2-10061-R** is a high-performance, surface-mount (SMT) power inductor typically used in DC-DC converter applications. It is part of a series known for its compact size, low profile, and high current-handling capabilities.
---
### ## Technical Specifications
The following table outlines the typical electrical and physical characteristics for this component:
| Parameter | Typical Value |
| :--- | :--- |
| **Inductance** | 1.0 µH (±20%) |
| **DC Resistance (DCR)** | ~5.8 mΩ (Max) |
| **Saturation Current (Isat)** | ~12.0 A |
| **Heating Current (Irms)** | ~10.5 A |
| **Operating Temperature** | -40°C to +125°C |
| **Package Size** | 10.0 x 6.0 x 1.2 mm (Approx.) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
---
### ### Key Features
1. **Low Profile Design:** The "10061" designation often refers to the footprint dimensions (approx. 10mm x 6mm). Its low height makes it ideal for thin electronics like tablets and ultra-portable laptops.
2. **Magnetic Shielding:** These inductors are usually shielded to minimize Electromagnetic Interference (EMI), which is critical for densely packed circuit boards.
3. **High Current Saturation:** Designed to handle high peak currents without the inductance dropping significantly, ensuring stability in power supplies.
4. **Low DCR:** Low DC resistance minimizes power loss through heat, increasing the overall efficiency of the power management system.
---
### ### Common Applications
* **DC-DC Converters:** Used in Buck, Boost, or Buck-Boost topologies.
* **Power Management Integrated Circuits (PMICs):** For voltage regulation in mobile devices.
* **Computing:** Graphics cards, servers, and high-performance motherboards.
* **Battery Powered Equipment:** Where high efficiency is required to extend battery life.
---
### ### Sample Footprint Recommendation (Generic)
```markdown
Top View Dimensions:
[ L: 10.0mm ] x [ W: 6.0mm ]
Height (H): 1.2mm Max
Recommended Solder Pad Layout:
- Pad Width: 3.0mm
- Pad Length: 6.5mm
- Gap between Pads: 4.5mm
```
- ⤷
What is the significance of the Saturation Current (Isat) in this inductor?
- ⤷ How does magnetic shielding in the LSMT2 series compare to unshielded inductors?
- ⤷ Can this part be used in automotive grade applications (AEC-Q200)?