LSMT2-10560-R
AI

The **LSMT2-10560-R** is an electronic component typically categorized as a **Surface Mount (SMT) Magnetic Transducer** or **Buzzer**. These parts are designed to convert electrical signals into audible sound, commonly used for notifications in portable electronics.
---
### ## 1. Technical Specifications
Below are the typical characteristics of the LSMT2-10560-R series:
| Parameter | Value/Description |
| :--- | :--- |
| **Type** | Magnetic Transducer (Requires external drive circuit) |
| **Mounting Type** | SMT (Surface Mount Technology) |
| **Operating Voltage** | 3V - 5V (Typical peak-to-peak) |
| **Rated Current** | Max 80mA - 100mA |
| **Sound Pressure Level (SPL)** | 85dB+ at 10cm |
| **Resonant Frequency** | ~2700 Hz (Standard for this series) |
| **Operating Temperature** | -40°C to +85°C |
---
### ## 2. Key Components & Construction
The "10560" in the part number usually refers to its physical dimensions (approx. **10mm x 10mm x 5.6mm**). The internal structure includes:
1. **Housing:** A High-Temperature Plastic (LCP) case designed to withstand reflow soldering temperatures.
2. **Diaphragm:** A thin metal plate that vibrates when subjected to a magnetic field.
3. **Electromagnet:** A coil of fine copper wire wound around a core.
4. **Permanent Magnet:** Provides the bias field necessary for the diaphragm to move.
5. **Terminals:** Gold-plated or tin-plated pads for soldering to a PCB.
---
### ## 3. Operating Principle
Unlike a "piezo" buzzer which acts like a capacitor, a **magnetic transducer** like the LSMT2-10560-R acts like an inductor.
* **Input Requirement:** It requires a square wave (PWM signal) at its resonant frequency to produce sound.
* **Driving Circuit:** You cannot simply apply a DC voltage to it. You must use a transistor (NPN or MOSFET) to switch the current through the coil.
```python
# Pseudo-code logic for driving a magnetic transducer
while True:
set_pin(HIGH)
delay(1/2700 / 2) # Delay for half of the resonant period
set_pin(LOW)
delay(1/2700 / 2)
```
---
### ## 4. Common Applications
* **Medical Devices:** Alarms for handheld monitors.
* **Consumer Electronics:** Microwave beepers, digital clocks.
* **Industrial:** Status indicators on control panels.
* **IoT Devices:** Audible feedback for smart home sensors.
- ⤷
What is the recommended driving circuit for this magnetic transducer?
- ⤷ How does a magnetic transducer differ from a piezo buzzer in terms of power consumption?
- ⤷ What is the maximum reflow soldering temperature for this SMT component?