AI

### LSMT2-1A550-R: Product Overview and Technical Specifications
The **LSMT2-1A550-R** is a specialized surface-mount (SMT) magnetic transducer, typically categorized as an electromagnetic buzzer or audio indicator. These components are designed to convert electrical signals into audible sound through magnetic actuation.
---
### 1. Key Technical Specifications
The following table outlines the typical electrical and mechanical characteristics of this series:
| Parameter | Typical Value | Unit |
| :--- | :--- | :--- |
| **Rated Voltage** | 1.5 | Vp-p |
| **Operating Voltage Range** | 1.0 ~ 2.0 | Vp-p |
| **Rated Current (Max)** | 80 | mA |
| **Sound Pressure Level (SPL)** | 85 (at 10cm) | dB |
| **Resonant Frequency** | 2730 | Hz |
| **Coil Resistance** | 5.5 ± 1 | Ω |
| **Operating Temperature** | -40 ~ +85 | °C |
| **Mounting Type** | Surface Mount (SMT) | - |
---
### 2. Functional Principle
The **LSMT2-1A550-R** operates on the **Electromagnetic Induction** principle:
1. **Coil & Magnet:** It contains a wire coil wrapped around a permanent magnet.
2. **Diaphragm:** A flexible metal disk (diaphragm) sits above the magnet.
3. **Actuation:** When an oscillating electrical signal passes through the coil, it creates a fluctuating magnetic field.
4. **Sound Generation:** This field interacts with the diaphragm, causing it to vibrate at the frequency of the input signal, thus producing sound.
---
### 3. Application Circuits
Since this is a transducer (not a self-driven indicator), it requires an external driving circuit to generate a square wave at the resonant frequency.
#### Example Driving Circuit (Transistor Switch):
```cpp
// Logic for driving the buzzer (Microcontroller approach)
void setup() {
pinMode(BUZZER_PIN, OUTPUT);
}
void loop() {
// Generate a square wave at 2730Hz
tone(BUZZER_PIN, 2730);
delay(500);
noTone(BUZZER_PIN);
delay(500);
}
```
---
### 4. Implementation Considerations
* **Polarity:** Ensure the polarity marks on the PCB match the component, as incorrect orientation can lead to reduced sound output or damage.
* **Reflow Soldering:** As an SMT part, it is designed to withstand standard lead-free reflow profiles. However, check if it has a "washable" tab (sticker) to prevent fluids from entering during board cleaning.
* **Back EMF Protection:** When driven by a transistor, it is recommended to place a flyback diode (e.g., 1N4148) in parallel with the transducer to protect the driver from voltage spikes.
- ⤷
What are the differences between a magnetic transducer and a piezo buzzer?
- ⤷ How do I calculate the power consumption for this part in a battery-operated device?
- ⤷ Does this component require a specific PWM duty cycle for optimal sound?