AI

The **LSMT2-22560-R** is a high-performance, high-density **NVMe Solid State Drive (SSD)** designed for enterprise environments and data centers. It belongs to the Samsung PM9A3 series (specifically the E1.S form factor variant).
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Model Number** | LSMT2-22560-R (PM9A3 Series) |
| **Capacity** | 25.6 TB |
| **Form Factor** | E1.S (Enterprise & Datacenter 1U Short) |
| **Interface** | PCIe Gen4 x4 |
| **Protocol** | NVMe 1.4 |
| **NAND Flash Type** | Samsung V6 (128-layer) TLC V-NAND |
| **Endurance** | 1.0 DWPD (Drive Writes Per Day) |
---
### 2. Electronic Components & Architecture
The drive is comprised of several critical electronic subsystems that manage data integrity and high-speed transmission:
#### A. The Controller
The "brain" of the SSD is a proprietary Samsung PCIe Gen4 NVMe controller.
* **Multi-core Architecture:** Handles high-queue depth requests.
* **Hardware Encryption:** Supports AES 256-bit encryption and TCG Opal for data security.
#### B. V-NAND Flash Memory
The storage density is achieved through **Samsung's 6th Generation V-NAND**.
* **Vertical Stacking:** Uses a 128-layer stack to maximize capacity in a small footprint.
* **TLC (Triple-Level Cell):** Stores 3 bits per cell, balancing cost, capacity, and performance.
#### C. DRAM Cache
To manage the massive Logical-to-Physical (L2P) mapping tables for a 25.6TB drive, it includes a significant amount of **LPDDR4 DRAM**.
* **Function:** Accelerates look-up speeds and improves random I/O performance.
#### D. Power Loss Protection (PLP)
This is a critical electronic feature for enterprise drives.
* **Capacitor Bank:** The PCB includes a row of tantalum capacitors or integrated power management ICs (PMICs).
* **Function:** In the event of a sudden power failure, the energy stored in these capacitors provides enough time for the controller to flush "data in flight" from the volatile DRAM cache to the non-volatile NAND.
---
### 3. Physical & Thermal Design (E1.S)
Unlike standard M.2 drives, the **E1.S form factor** (used by this model) includes specific electronic considerations:
* **Hot-Plug Support:** The connector is designed for "surprise removal" and insertion while the server is powered.
* **Integrated Heat Spreader:** The metal casing acts as a heatsink, essential for maintaining Gen4 speeds without thermal throttling.
---
### 4. Performance Metrics
| Operation | Speed |
| :--- | :--- |
| **Sequential Read** | Up to 6,800 MB/s |
| **Sequential Write** | Up to 4,000 MB/s |
| **Random Read (4KB)** | Up to 1,000K IOPS |
| **Random Write (4KB)** | Up to 180K IOPS |
- ⤷
What are the advantages of the E1.S form factor compared to standard U.2 drives?
- ⤷ How does the 1.0 DWPD rating impact the drive's lifespan in a write-heavy environment?
- ⤷ Is this drive compatible with standard consumer motherboards via an adapter?