LSMT2-24541-R
AI

The **LSMT2-24541-R** is an electronic component typically categorized as a **Surface Mount (SMT) Magnetic Buzzer** or transducer. These devices are designed to convert electrical signals into audible sound through electromagnetic induction.
---
### ## Technical Specifications
Below is a summary of the typical technical parameters for this specific part series:
| Parameter | Typical Value | Unit |
| :--- | :--- | :--- |
| **Rated Voltage** | 3.6 - 5.0 | Vp-p |
| **Operating Voltage** | 2.5 ~ 4.5 | Vp-p |
| **Rated Current** | Max 100 | mA |
| **Sound Pressure Level (SPL)** | Min 85 (at 10cm) | dB |
| **Resonant Frequency** | 2,730 | Hz |
| **Operating Temperature** | -40 ~ +85 | °C |
| **Mounting Type** | Surface Mount (SMT) | - |
---
### ### Internal Construction and Working Principle
The LSMT2-24541-R operates on the principle of **Electromagnetism**:
1. **Coil and Magnet:** Inside the plastic housing is a wire coil wound around a core and a permanent magnet.
2. **Diaphragm:** A flexible metal vibration disk (diaphragm) is suspended above the coil.
3. **Operation:** When an oscillating electrical signal (Square Wave) is applied, the coil creates a fluctuating magnetic field. This field interacts with the permanent magnet, causing the diaphragm to vibrate at the frequency of the signal, thus producing sound.
### ### Key Features
* **Small Footprint:** Designed for high-density PCB layouts where space is a premium.
* **Side-Firing/Top-Firing:** Depending on the specific suffix, these parts often allow sound to exit from the side to accommodate slim device profiles.
* **Reflow Solder Compatible:** Built with heat-resistant plastics (like LCP) to withstand industrial SMT soldering processes.
---
### ### Typical Circuit Implementation
Because this is a **transducer** (not a self-driven indicator), it requires an external oscillating circuit. Below is a basic example of how to drive it using a transistor and a microcontroller (MCU):
```cpp
// Example: Driving a Buzzer with Arduino/C++
int buzzerPin = 9; // PWM pin
void setup() {
pinMode(buzzerPin, OUTPUT);
}
void loop() {
tone(buzzerPin, 2730); // Generate frequency at the resonant point
delay(500); // Sound for 500ms
noTone(buzzerPin); // Silence
delay(1000); // Wait for 1s
}
```
---
- ⤷
What is the difference between an active buzzer and a passive transducer like the LSMT2-24541-R?
- ⤷ Can this component be washed after the reflow soldering process?
- ⤷ What are the recommended footprint dimensions for PCB layout?