LSMT2-31150-R
AI

The **LSMT2-31150-R** is a high-performance, surface-mount (SMT) magnetic transducer (buzzer) commonly used in consumer electronics, medical devices, and industrial alarms. It belongs to the family of electromagnetic sound generators.
---
### Technical Specifications
Below are the primary electronic and physical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Type** | Magnetic Transducer (External Drive) |
| **Rated Voltage** | 1.5 Vo-p |
| **Operating Voltage** | 1.0 ~ 2.0 Vo-p |
| **Rated Current** | Max 80 mA |
| **Sound Pressure Level (SPL)** | Min 85 dB (at 10cm) |
| **Resonant Frequency** | 3100 Hz |
| **Coil Resistance** | 6.0 ± 1.0 Ω |
| **Operating Temperature** | -40°C to +85°C |
| **Mounting Type** | Surface Mount (SMD) |
---
### Core Electronic Components
#### 1. Magnetic Coil
The "heart" of the device is a wire coil with a nominal resistance of **6 Ohms**. When an alternating current passes through this coil, it creates a fluctuating magnetic field.
#### 2. Permanent Magnet
Internal to the housing is a small permanent magnet. This provides a static magnetic field that interacts with the field generated by the coil to move the internal diaphragm.
#### 3. Diaphragm
A metallic disk (often iron or a magnetic alloy) that vibrates in response to the magnetic fluctuations. The frequency of the input signal determines the pitch of the sound produced.
#### 4. Housing (LCP/PPS Plastic)
The outer casing is typically made from Liquid Crystal Polymer (LCP) or similar high-heat plastics to withstand the **Reflow Soldering** process required for SMT components.
---
### Application Circuit Requirements
Unlike an "indicator" (which makes sound just by applying DC), the **LSMT2-31150-R** is a **transducer**. It requires an external drive circuit (oscillator) to function.
```cpp
// Example: Driving the buzzer using a Microcontroller (MCU)
// Frequency: 3100Hz (Resonant Frequency for max volume)
void setup() {
pinMode(BUZZER_PIN, OUTPUT);
}
void loop() {
tone(BUZZER_PIN, 3100); // Send 3.1kHz square wave
delay(500);
noTone(BUZZER_PIN);
delay(500);
}
```
### Key Integration Notes
* **Polarity:** Observe the "+" marking on the top of the casing; magnetic transducers are polarized for optimal performance.
* **Driving Transistor:** Because it can draw up to **80mA**, it should be driven via a NPN transistor (like a MMBT2222) or a MOSFET rather than directly from an MCU pin.
* **Flyback Diode:** It is recommended to place a diode in parallel with the buzzer to protect the circuit from inductive voltage spikes when the coil is switched off.
---
- ⤷What is the difference between a transducer and an indicator buzzer?
- ⤷ How do I calculate the flyback diode requirements for this component?
- ⤷ Can this buzzer be driven using a PWM signal from an Arduino?