LSMT2-3A561-R
AI

The **LSMT2-3A561-R** refers to a high-current, surface-mount power inductor, typically manufactured by companies like **Laird Performance Materials**. These components are designed for high-frequency DC-DC converters and power supply modules.
---
### ## Technical Specifications
Below are the typical electronic characteristics for the LSMT2-3A561-R:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.56 µH (560 nH) |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | ~1.1 mΩ (Typical) |
| **Saturation Current (Isat)** | ~32A - 40A (depending on temp rise) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Size** | SMD (Surface Mount Device) |
---
### ### Key Features and Construction
1. **Molded Construction:** It uses a metal alloy powder core. This construction allows for high saturation currents and minimizes acoustic noise.
2. **Magnetic Shielding:** The part is magnetically shielded, which reduces electromagnetic interference (EMI) with neighboring components on the PCB.
3. **Low DCR:** The low direct current resistance ensures minimal power loss and high efficiency in high-current applications.
---
### ### Typical Applications
* **Voltage Regulator Modules (VRM):** Used in CPU/GPU power delivery.
* **DC-DC Converters:** High-frequency point-of-load (POL) converters.
* **Battery Powered Devices:** Due to high efficiency and compact size.
* **Server/Networking:** Robust power management for high-load data processing.
---
### ### Layout Recommendations
When integrating this part into a circuit, consider the following:
* **Thermal Vias:** Place copper pours and thermal vias under the inductor pads to dissipate heat.
* **Keep-out Zones:** Keep high-speed signal traces away from the inductor to avoid noise coupling, even though it is shielded.
- ⤷
What is the footprint size (mm) for the LSMT2 series?
- ⤷ How does saturation current affect the performance of this inductor?
- ⤷ Are there equivalent parts from other manufacturers like Vishay or Coilcraft?