AI

The **LSMT2-41161-R** is a specific part number belonging to the series of **SMD (Surface Mount Device) Magnetic Transducers** (buzzers), typically manufactured by companies like **LXD**. It is widely used in portable electronics for providing audible feedback.
---
### 1. Key Specifications
The following table highlights the typical electrical and physical characteristics of this component:
| Characteristic | Specification (Typical) |
| :--- | :--- |
| **Type** | Magnetic Transducer (External Drive) |
| **Operating Voltage** | 1.0 ~ 2.0 Vo-p (Rated: 1.5 Vo-p) |
| **Rated Current** | Max 80 mA |
| **Sound Pressure Level (SPL)** | Min 80 dB (at 10cm) |
| **Resonant Frequency** | 2,730 Hz |
| **Coil Resistance** | 16 ± 3 Ω |
| **Operating Temperature** | -20°C to +70°C |
| **Mounting Type** | SMD (Surface Mount) |
---
### 2. Functional Description
Unlike an active buzzer, the LSMT2-41161-R is a **passive transducer**. This means:
* **External Drive Required:** It does not produce sound just by applying DC voltage. It requires an oscillating signal (Square Wave) at its resonant frequency (approx. 2730 Hz).
* **Mechanism:** It consists of a permanent magnet, a coil, and a vibrating metal diaphragm. When AC current passes through the coil, it creates a fluctuating magnetic field that moves the diaphragm, creating sound waves.
---
### 3. Application Circuitry
To drive this component using a microcontroller (like an Arduino or ESP32), a simple transistor switching circuit is recommended to protect the I/O pins from high current draw.
```cpp
// Example: Generating a tone for LSMT2-41161-R
void setup() {
pinMode(9, OUTPUT); // Connect to Transistor Base
}
void loop() {
tone(9, 2730); // Send 2.73kHz square wave
delay(500);
noTone(9);
delay(500);
}
```
---
### 4. Physical Dimensions & Layout
* **Footprint:** Small form factor (usually around 4x4mm or 5x5mm depending on the exact sub-revision).
* **Side Opening:** The "R" in the suffix often denotes a **Side Sound Port**, meaning the sound exits from the side of the casing rather than the top, allowing for lower-profile designs.
* **Polarity:** Note the "+" mark on the casing; magnetic transducers are polar components and must be oriented correctly on the PCB.
- ⤷
What is the difference between this passive transducer and an active buzzer?
- ⤷ What transistor model is recommended to drive this 80mA load?
- ⤷ How does the side-opening port affect the PCB layout design?