LSMT2-42050-R
AI

The **LSMT2-42050-R** is an electronic component typically categorized as a **Surface Mount (SMT) Magnetic Transducer** or a magnetic buzzer. These components are used to generate audible alerts or tones in electronic devices where space is limited.
---
### 1. Technical Specifications
The following table highlights the typical electronic characteristics for this specific part series:
| Parameter | Value/Description |
| :--- | :--- |
| **Type** | Magnetic Transducer (External Drive) |
| **Rated Voltage** | 3.6 Vp-p |
| **Operating Voltage** | 2.0 ~ 5.0 Vp-p |
| **Rated Current** | Max 100 mA |
| **Sound Pressure Level (SPL)** | Min 85 dB (at 10cm) |
| **Resonant Frequency** | 2700 - 2730 Hz |
| **Coil Resistance** | 15 ± 3 Ω |
| **Mounting Type** | Surface Mount (SMT) |
---
### 2. Internal Electronic Components
Unlike an active buzzer, a transducer like the LSMT2-42050-R is a **passive** component. Its internal structure consists of:
* **Permanent Magnet:** Provides a static magnetic field.
* **Voice Coil:** A fine copper wire winding that creates a fluctuating magnetic field when current passes through it.
* **Metal Diaphragm:** A flexible disk (often iron or nickel alloy) that vibrates in response to the magnetic interaction between the coil and the magnet.
* **Housing:** High-temperature plastic (LCP or PPS) capable of withstanding reflow soldering temperatures.
---
### 3. Electronic Driving Circuit
Because this is a transducer, it does not have an internal oscillation circuit. You must provide a **square wave** at its resonant frequency to produce sound.
#### Basic Drive Example:
```c
// Example pseudocode for generating a tone
void playTone(int frequency, int duration) {
long delayValue = 1000000 / frequency / 2; // Calculate half-period
for (long i = 0; i < duration * 1000L; i += delayValue * 2) {
digitalWrite(BUZZER_PIN, HIGH);
delayMicroseconds(delayValue);
digitalWrite(BUZZER_PIN, LOW);
delayMicroseconds(delayValue);
}
}
```
---
### 4. Key Design Considerations
1. **Flyback Diode:** When driving with a transistor, a diode should be placed in parallel with the transducer to protect the circuit from inductive voltage spikes.
2. **Frequency Matching:** The loudest sound is achieved by driving the part at exactly its resonant frequency (approx. 2700 Hz).
3. **Polarity:** Most SMT transducers are polarized; ensure the "+" mark on the casing matches the positive terminal of your drive circuit.
- ⤷What is the difference between an active buzzer and this magnetic transducer?
- ⤷ How do I calculate the flyback diode requirements for this component?
- ⤷ What is the recommended reflow soldering profile for SMT transducers?