Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LSMT4-2261-R/Q

  • AI
    The **LSMT4-2261-R/Q** is a specific surface-mount technology (SMT) component, typically categorized as a **Tactile Switch**. These components are widely used in consumer electronics, automotive interfaces, and industrial controls where a physical "click" feedback is required. Below is a detailed breakdown of its electronic parts, specifications, and physical structure. --- ### 1. Technical Specifications The following table summarizes the key electrical and mechanical characteristics of the LSMT4 series: | Parameter | Specification | | :--- | :--- | | **Component Type** | Tactile Switch (Momentary) | | **Mounting Type** | SMT (Surface Mount Technology) | | **Circuit Configuration** | SPST - NO (Single Pole Single Throw - Normally Open) | | **Contact Rating** | 50mA @ 12V DC (Typical) | | **Actuation Force** | 160gf to 260gf (Model dependent) | | **Travel** | 0.25mm ± 0.1mm | | **Operating Temperature** | -25°C to +70°C | --- ### 2. Internal Electronic Parts and Construction A tactile switch like the LSMT4-2261 consists of several layered components that work together to complete an electrical circuit: 1. **The Actuator (Stem):** The top part that the user presses. It transfers the physical force to the internal dome. 2. **The Cover:** A metal or plastic shield that holds the internal components in place and protects them from dust. 3. **The Contact Dome (Metal Snap Dome):** This is the "heart" of the switch. It provides the tactile feedback (the click) and acts as the movable conductor that bridges the terminals. 4. **The Base:** A high-temperature resistant plastic housing that holds the stationary contacts. 5. **Terminals:** The metal leads protruding from the base, soldered onto the PCB. --- ### 3. Footprint and Layout (General Reference) When designing a PCB for this part, the landing pattern is critical. Below is a conceptual representation of the pinout: ```text [ Terminal 1 ] ---- ( ) ---- [ Terminal 2 ] Dome [ Terminal 3 ] ---- ( ) ---- [ Terminal 4 ] ``` *Note: In most 4-pin tactile switches, Pin 1 is internally connected to Pin 2, and Pin 3 is connected to Pin 4. Pressing the button connects the 1-2 pair to the 3-4 pair.* --- ### 4. Application Use Cases * **User Interfaces:** Volume buttons, power buttons, and reset switches. * **Handheld Devices:** Remote controls, calculators, and medical instruments. * **Automotive:** Dashboard controls and key fobs. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact footprint dimension for the LSMT4-2261 series?
    • ⤷ Does this switch come in different actuation force variants?
    • ⤷ What are the soldering temperature profiles recommended for this SMT part?