LSR9033-T-TR2-R
AI

## Technical Overview: LSR9033-T-TR2-R
The **LSR9033-T-TR2-R** is a specific electronic component belonging to the **Light Emitting Diode (LED)** category, typically manufactured by companies like **LITE-ON**. It is a surface-mount device (SMD) designed for status indication and backlighting.
---
### 1. Key Technical Specifications
Below are the primary electrical and physical characteristics of the device:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | SMD LED |
| **Color** | Super Red |
| **Wavelength** | ~631 nm (Dominant) |
| **Forward Voltage ($V_F$)** | Typically 2.0V (Max ~2.4V) |
| **Luminous Intensity** | ~45 - 112 mcd @ 20mA |
| **Package Size** | 0603 (1608 Metric) |
| **Viewing Angle** | 130° |
| **Operating Temp** | -40°C to +85°C |
---
### 2. Functional Breakdown
#### A. Material Composition
This LED is generally constructed using **AlGaInP** (Aluminum Gallium Indium Phosphide) on a GaAs substrate. This technology allows for high brightness and efficiency in the red spectrum compared to older GaAsP technologies.
#### B. Packaging (0603 Form Factor)
The "0603" designation refers to the physical dimensions:
* **Length:** 1.6 mm
* **Width:** 0.8 mm
* **Height:** 0.4 mm to 0.6 mm (Low profile)
#### C. Mounting and Soldering
* **SMT (Surface Mount Technology):** Designed for automated pick-and-place machines.
* **Reflow Soldering:** Compatible with infrared and vapor phase reflow processes.
* **T-TR2-R Suffix:** Usually denotes the packaging style, specifically **Tape & Reel** (7-inch reel) for industrial manufacturing.
---
### 3. Application Areas
Because of its small footprint and high reliability, the LSR9033 is commonly used in:
1. **Consumer Electronics:** Indicator lights for power/charging in smartphones or tablets.
2. **Network Hardware:** Status LEDs for routers and switches.
3. **Automotive:** Dashboard backlighting and internal button illumination.
4. **Industrial:** Signal indicators on PCB control boards.
---
### 4. Circuit Implementation Example
When integrating this LED, a current-limiting resistor is mandatory to prevent burnout.
```python
# Formula to calculate Resistance (R)
# R = (Source_Voltage - Forward_Voltage) / Target_Current
# Example: 5V Supply, 20mA (0.02A) Target Current
# R = (5V - 2.0V) / 0.02A
# R = 150 Ohms
```
- ⤷
What is the maximum peak forward current for this LED?
- ⤷ Is there a green or blue version of the 9033 series available?
- ⤷ What are the specific storage requirements to prevent moisture sensitivity issues?