LSW-0603-R18F-B
AI

The **LSW-0603-R18F-B** is a high-precision wire-wound ceramic chip inductor. These components are primarily used in high-frequency applications where stability and low signal loss are critical.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the physical and electrical characteristics of the component:
| Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **LSW** | Series Code | Wire-wound chip inductor (Low Profile/Standard) |
| **0603** | Case Size | Imperial size (0.06 x 0.03 inches) / Metric 1608 |
| **R18** | Inductance | 0.18 microhenries ($\mu$H) or 180 nanohenries (nH) |
| **F** | Tolerance | $\pm$1% (High Precision) |
| **B** | Termination | Typically indicates Gold (Au) or Tin (Sn) plating finish |
---
### 2. Technical Specifications
While exact values can vary slightly by manufacturer (such as Walsin or ABC), the standard specifications for this part class are:
* **Inductance:** 180 nH
* **Tolerance:** $\pm$1%
* **Quality Factor (Q):** Typically high (25–40 at 100MHz), ensuring low energy loss.
* **Self-Resonant Frequency (SRF):** Usually above 1200 MHz.
* **DC Resistance (DCR):** Low (typically < 1.0 $\Omega$) to prevent overheating.
* **Rated Current:** Generally between 100mA to 400mA depending on the thermal design.
---
### 3. Key Features and Applications
The wire-wound construction over a ceramic core provides several advantages over multilayer inductors.
#### Features:
* **High Q Factor:** Better performance in resonant circuits.
* **High Current Handling:** Wire-wound designs handle more current than multilayer equivalents of the same size.
* **Tight Tolerance:** The "F" rating ($\pm$1%) is excellent for precision tuning.
#### Applications:
1. **RF Transceivers:** Used in matching circuits for Wi-Fi, Bluetooth, and cellular modules.
2. **Filter Networks:** High-pass, low-pass, and band-pass filters for signal integrity.
3. **VCOs:** Voltage Controlled Oscillators requiring stable inductance.
4. **Impedance Matching:** Ensuring maximum power transfer between an antenna and a chip.
---
### 4. Comparison Table: Wire-Wound vs. Multilayer
| Feature | Wire-Wound (LSW) | Multilayer |
| :--- | :--- | :--- |
| **Q Factor** | High | Moderate |
| **Current Capacity** | Higher | Lower |
| **SRF** | Higher | Lower |
| **Cost** | Slightly Higher | Lower |
- ⤷What is the difference between R18F and R18J in this series?
- ⤷ How does the ceramic core affect high-frequency performance?
- ⤷ What are the recommended soldering profiles for 0603 wire-wound inductors?