LSW-1008-R10M-T
AI

The **LSW-1008-R10M-T** is a surface-mount (SMD) power inductor commonly used in DC-DC converter circuits and power management modules. This specific part belongs to a class of wire-wound inductors designed for high-frequency performance and compact footprints.
### 1. Part Number Deciphering
To understand the component, we can break down the typical nomenclature used by manufacturers (such as Chilisin or similar magnetics vendors):
| Segment | Code | Meaning |
| :--- | :--- | :--- |
| **Series** | LSW | Likely a Low-profile Wire-wound Series |
| **Size** | 1008 | Dimensions: 1.0 x 0.8 inches (or mm equivalent, usually 2520 metric) |
| **Inductance** | R10 | 0.10 µH (Microhenries) |
| **Tolerance** | M | ±20% Tolerance |
| **Packaging** | T | Tape & Reel packaging |
---
### 2. Technical Specifications
While exact values can vary slightly by manufacturer, the standard parameters for an R10M inductor in a 1008 package are generally:
* **Inductance:** 0.10 µH
* **DC Resistance (DCR):** Very low (typically < 0.10 Ω), which minimizes power loss as heat.
* **Saturation Current ($I_{sat}$):** High, often ranging from 1A to 3A depending on core material. This is the current at which inductance drops by a specific percentage.
* **Operating Temperature:** Generally rated for -40°C to +125°C.
---
### 3. Core Features & Construction
* **Wire-Wound Construction:** Provides higher Q-factors (quality) and higher current handling compared to multilayer ceramic inductors.
* **Magnetic Shielding:** Depending on the specific "LSW" sub-series, these may be unshielded or resin-shielded to reduce Electromagnetic Interference (EMI).
* **Miniaturization:** The 1008 footprint is optimized for space-constrained devices like smartphones, tablets, and wearable tech.
---
### 4. Typical Applications
The LSW-1008-R10M-T is primarily used for filtering and energy storage in:
1. **Switching Power Supplies:** High-frequency DC-DC converters.
2. **RF Circuits:** Used as a choke for power lines to prevent high-frequency noise from entering the power supply.
3. **Mobile Devices:** Power management ICs (PMICs) for CPUs or GPUs.
---
### 5. Sample Land Pattern (Example)
To integrate this into a PCB, a standard 2520 (metric) footprint is used:
```markdown
[ Pad 1 ] ---- [ Pad 2 ]
(1.0mm) (1.0mm)
<-- 2.5mm Total -->
```
- ⤷What is the maximum saturation current for the LSW-1008-R10M-T?
- ⤷ What are the direct equivalents for this inductor from other brands like TDK or Murata?
- ⤷ How does the 'M' tolerance impact the performance of a DC-DC converter?