Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LSW-1008-R12M-T

  • AI
    The **LSW-1008-R12M-T** is a surface-mount (SMD) power inductor commonly used in compact electronic circuits for power management and signal filtering. ### 1. Technical Specifications Based on the part number nomenclature (typically associated with manufacturers like Chilisin or Cyntec), here are the primary technical characteristics: | Feature | Specification | | :--- | :--- | | **Inductance** | 0.12 µH (Microhenries) | | **Tolerance** | ±20% (indicated by the 'M') | | **Case Size** | 1008 (Metric: 2520) - approx. 2.5 x 2.0 mm | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Core Material** | Wire-wound / Ferrite or Metal Alloy | | **Packaging** | Tape and Reel (indicated by the 'T') | --- ### 2. Part Number Breakdown The alphanumeric code follows a standard industry format for passive components: * **LSW**: Series prefix (Wire-wound Chip Inductor). * **1008**: Physical dimensions (1.0 inch x 0.08 inch or 2.5mm x 2.0mm). * **R12**: Inductance value code (R denotes decimal; R12 = 0.12 µH). * **M**: Tolerance code (M = ±20%). * **T**: Packaging style (T = Tape & Reel). --- ### 3. Key Electronic Functions This component serves several critical roles in a circuit: 1. **Energy Storage:** In DC-DC converters (Buck/Boost), it stores energy in a magnetic field during the switching cycle to maintain a steady output voltage. 2. **Filtering (Noise Suppression):** It acts as a low-pass filter, allowing DC current to pass while blocking high-frequency electromagnetic interference (EMI) or ripple. 3. **Impedance Matching:** Used in RF (Radio Frequency) circuits to match the impedance between stages to ensure maximum power transfer. ### 4. Common Applications * **Mobile Devices:** Smartphones and tablets for battery management. * **Computing:** DC-DC converter modules on motherboards. * **Consumer Electronics:** Wearables and IoT devices where space is limited. * **Communications:** Base stations and network routers. --- ### 5. Selection Precautions When using this part in a design, engineers must check the **Datasheet** for: * **Saturation Current ($I_{sat}$):** The current at which the inductance drops by a specific percentage. * **DC Resistance (DCR):** To calculate power loss and heat generation ($P = I^2 \times R$). * **Self-Resonant Frequency (SRF):** To ensure the inductor operates well below its resonance point.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (I-sat) for the LSW-1008 series?
    • ⤷ How does this wire-wound inductor compare to a multilayer inductor?
    • ⤷ What are the recommended soldering profiles for 1008-sized SMD components?