LT05-R22K-RC
AI

The **LT05-R22K-RC** is a specific type of electronic component known as a **Fixed Inductor** (specifically a leaded, molded inductor). These components are primarily used for energy storage, signal filtering, and impedance matching in electronic circuits.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the component's specifications:
| Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **LT05** | Series/Size Code | Refers to the physical dimensions and molding style (standard axial). |
| **R22** | Inductance Value | **0.22 µH** (R acts as a decimal point). |
| **K** | Tolerance | **±10%** (Standard for power/RF inductors). |
| **RC** | Compliance | **RoHS Compliant** (Lead-free). |
---
### 2. Key Technical Specifications
While exact values can vary slightly by manufacturer (commonly produced by brands like Allied Components), standard specs for this part include:
* **Inductance:** 0.22 Microhenries (µH).
* **Test Frequency:** Typically measured at 25.2 MHz.
* **Self-Resonant Frequency (SRF):** High frequency (often >400 MHz), making it suitable for RF applications.
* **DC Resistance (DCR):** Very low (usually <0.15 Ohms), minimizing power loss as heat.
* **Rated Current:** Typically handles between 800mA to 1200mA (depending on temperature rise).
* **Package Type:** **Axial Leaded**. It looks like a resistor with a color-coded or printed body.
---
### 3. Construction and Material
* **Core Material:** Usually a **Phenolic** or **Ferrite** core depending on the frequency requirements.
* **Coating:** Molded in an epoxy resin. This provides excellent environmental protection against moisture and physical shock.
* **Leads:** Tinned copper wire for easy through-hole soldering.
---
### 4. Common Applications
Due to its low inductance and high resonant frequency, the LT05-R22K-RC is used in:
1. **RF Circuits:** Tuning and matching for high-frequency communication devices.
2. **EMI Filtering:** Suppressing high-frequency noise in power supply lines.
3. **Decoupling:** Preventing unwanted signals from affecting sensitive stages of a circuit.
4. **Signal Processing:** Used in filters (Low-pass/High-pass) for video or radio equipment.
---
### 5. Equivalent Comparison
If you are looking for a replacement, ensure the following parameters match:
```markdown
- Type: Fixed Inductor, Molded
- Inductance: 0.22uH
- Tolerance: 10%
- Mounting: Through-hole (Axial)
```
- ⤷
What are the color code bands for a 0.22uH inductor?
- ⤷ How does the 'R22' notation compare to '221' in inductor marking?
- ⤷ Can this inductor be used in high-temperature automotive environments?