Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LT05-R39K-RC

  • AI
    The **LT05-R39K-RC** is a specific surface-mount electronic component, primarily categorized as a **fixed inductor**. Below is a detailed breakdown of its technical specifications, construction, and nomenclature. --- ### 1. Technical Specifications The part number follows a standard industry naming convention for inductors. Here are the primary electrical characteristics: | Parameter | Value | Details | | :--- | :--- | :--- | | **Inductance** | 0.39 µH | The "R39" indicates the decimal point position. | | **Tolerance** | ±10% | Denoted by the "K" in the part number. | | **Mounting Type** | SMD (Surface Mount) | Designed for automated PCB assembly. | | **Package Size** | 0805 (Metric 2012) | Standard compact footprint for modern electronics. | | **Composition** | Ceramic/Wire-wound | Typically used for high-frequency applications. | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying equivalent parts or replacements: * **LT**: Often refers to the series (e.g., Low-profile or Multilayer Inductors). * **05**: Represents the physical size code (standard 0805 / 2.0mm x 1.25mm). * **R39**: The Inductance value code. "R" acts as a decimal point. $0.39$ microhenries ($\mu H$). * **K**: Tolerance code. $K = \pm 10\%$. (Common alternatives: $J = \pm 5\%, M = \pm 20\%$). * **RC**: Denotes **RoHS Compliant**, meaning the part is lead-free and meets environmental safety standards. --- ### 3. Applications and Usage This specific inductor is generally used in RF (Radio Frequency) and high-speed signal processing circuits due to its low inductance value. * **Filtering:** Used in LC filters to block high-frequency noise while allowing DC to pass. * **Impedance Matching:** Often found in antenna circuits for mobile devices or Wi-Fi modules. * **Decoupling:** Reducing power supply noise in sensitive digital ICs. * **Resonance:** Used in oscillator circuits to set a specific frequency. --- ### 4. Comparison with Similar Inductors If you are looking for a replacement, ensure the **Self-Resonant Frequency (SRF)** and **DC Resistance (DCR)** match the original component requirements: ```yaml Component_Type: Fixed Inductor Footprint: 0805 (2.0mm x 1.25mm) Inductance_Value: 390nH Tolerance_Class: K (+/- 10%) Material_Standard: RoHS ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irms) for the LT05-R39K-RC?
    • ⤷ How does the DCR of this inductor affect circuit efficiency?
    • ⤷ Can I substitute a 0.39uH inductor with a J-tolerance rating for this K-rated part?