LTC1380IS
AI

### Overview of the LTC1380IS
The **LTC1380IS** is a high-performance, single-ended 8-channel analog multiplexer (MUX) manufactured by Analog Devices (formerly Linear Technology). It is specifically designed to interface with 2-wire serial buses (I2C compatible), allowing a microcontroller to select one of eight analog inputs using a digital serial interface.
---
### Key Specifications
| Parameter | Specification |
| :--- | :--- |
| **Channels** | 8 Single-Ended |
| **Interface** | 2-Wire Serial (I2C Compatible) |
| **Supply Voltage Range** | 2.7V to ±5V or 10V Single Supply |
| **On-Resistance ($R_{ON}$)** | 70 $\Omega$ (Typical) |
| **Package Type** | 16-Lead Plastic SO (Narrow) |
| **Operating Temperature** | -40°C to 85°C (Industrial Grade) |
---
### Functional Components & Features
#### 1. Serial Interface (I2C)
Unlike standard multiplexers that use parallel GPIO pins for channel selection, the LTC1380IS uses a **2-wire interface (SDA/SCL)**. This significantly reduces the pin count required on the host microcontroller. It supports four programmable addresses using two address pins ($A0, A1$), allowing up to four LTC1380s on the same bus.
#### 2. Analog Switch Matrix
The core of the device consists of high-quality CMOS switches.
* **Low Charge Injection:** Minimizes glitches and "sampling" noise when switching between channels.
* **Rail-to-Rail Range:** The analog signals can swing across the entire power supply range.
#### 3. Power-On Reset (POR)
The device includes internal circuitry that ensures all switches are **OFF** (open) during power-up. This prevents accidental short circuits or undefined signal paths during system initialization.
#### 4. Low Power Consumption
The LTC1380IS is optimized for battery-powered applications, consuming very little supply current (typically in the microampere range) when the serial bus is idle.
---
### Typical Application Circuit
Below is a conceptual representation of how the LTC1380IS integrates into a system:
```text
[Microcontroller] [LTC1380IS] [Analog Sensors]
SDA <--------------> SDA | CH0 <---- Sensor 1
SCL ---------------> SCL | CH1 <---- Sensor 2
| ...
GND ---------------- GND | CH7 <---- Sensor 8
|
VCC ---------------- VCC | COM ----> To ADC Input
```
### Pinout Summary
1. **S0-S7:** Analog Inputs (Channels).
2. **COM:** Common Analog Output (Linked to the selected S-pin).
3. **V+ / V-:** Positive and Negative Power Supplies.
4. **SDA / SCL:** I2C Data and Clock lines.
5. **A0 / A1:** I2C Address Select pins.
---
- ⤷How do you configure the I2C address for the LTC1380IS?
- ⤷ What is the maximum signal frequency supported by this multiplexer?
- ⤷ Can the LTC1380IS handle bipolar signals?