LTC1663ES5
AI

## LTC1663ES5: Technical Overview
The **LTC1663ES5** is a high-performance, micropower, 8-bit digital-to-analog converter (DAC) that utilizes a 2-wire serial interface (I²C compatible). It is specifically designed for small-form-factor applications requiring low power consumption and high integration.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Resolution** | 8-Bit |
| **Interface** | 2-Wire Serial (I²C Compatible) |
| **Supply Voltage Range** | 2.7V to 5.5V |
| **Supply Current** | 60µA (Typical) |
| **Sleep Mode Current** | 10µA (Maximum) |
| **Package Type** | SOT-23 (5-Lead) |
| **Integral Nonlinearity (INL)** | ±0.5 LSB (Typical) |
---
### 2. Functional Components
The internal architecture of the LTC1663 consists of several critical electronic blocks:
1. **I²C Interface Logic:** Handles the communication protocol, including addressing and data reception. It supports Standard (100kHz) and Fast (400kHz) modes.
2. **Input Register:** Acts as a buffer to store the digital byte received via the serial bus before it is latched into the DAC.
3. **DAC Architecture:** Uses a resistor string architecture which inherently guarantees monotonicity, ensuring the output voltage increases or stays the same as the digital input increases.
4. **Output Buffer:** A rail-to-rail amplifier that allows the output voltage to swing from 0V to the supply voltage ($V_{CC}$), capable of driving capacitive loads.
---
### 3. Pin Configuration (SOT-23)
| Pin No. | Name | Function |
| :--- | :--- | :--- |
| 1 | **$V_{OUT}$** | Analog Voltage Output |
| 2 | **GND** | Ground |
| 3 | **SCL** | Serial Clock Input (I²C) |
| 4 | **SDA** | Serial Data Input/Output (I²C) |
| 5 | **$V_{CC}$** | Positive Supply Voltage (2.7V to 5.5V) |
---
### 4. Implementation Example (Pseudo-Code)
To communicate with the LTC1663, a master controller must send the address byte followed by the command/data bytes.
```c
// Example logic for updating the DAC value
void updateDAC(uint8_t address, uint8_t value) {
I2C_Start();
I2C_SendByte(address << 1); // Device Address
I2C_SendByte(0x00); // Command byte (Update DAC)
I2C_SendByte(value); // 8-bit Data
I2C_Stop();
}
```
---
### 5. Common Applications
* **Mobile Communications:** Offset/gain adjustment in handheld devices.
* **Industrial Process Control:** Digitally controlled calibration.
* **Battery-Powered Instruments:** Due to its ultra-low current draw.
* **Remote Adjustments:** Where wiring is minimized via the 2-wire bus.
- ⤷What are the I2C address options for the LTC1663 series?
- ⤷ How does the resistor string architecture ensure monotonicity?
- ⤷ What are the differences between the LTC1663 and the LTC1669?