Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LTC1663I

  • AI
    ## Overview of the LTC1663 The **LTC1663** is a low-power, 10-bit digital-to-analog converter (DAC) that operates on a single 2.7V to 5.5V supply. It is specifically designed for applications where board space and power consumption are critical. ### Key Specifications The following table summarizes the primary electrical and technical characteristics of the LTC1663: | Feature | Specification | | :--- | :--- | | **Resolution** | 10-Bit | | **Interface** | 2-Wire (I2C Compatible) | | **Supply Voltage Range** | 2.7V to 5.5V | | **Supply Current** | 60µA (Typ) / 10µA (Sleep Mode) | | **Output Type** | Rail-to-Rail Voltage Output | | **Reference** | Internal Reference (Addressable) | | **Package Options** | SOT-23 (5-lead or 8-lead), MSOP-8 | --- ### Internal Architecture and Components The LTC1663 consists of several functional blocks that work together to convert digital data into a precise analog voltage: 1. **I2C Interface Logic**: This block handles the serial communication. It includes the start/stop bit detection, device addressing, and data acknowledgment. 2. **Input Register**: Stores the 10-bit digital value received over the I2C bus before it is passed to the DAC core. 3. **Resistor String DAC**: The core conversion element. It provides excellent monotonicity, ensuring that the analog output increases as the digital input increases. 4. **Output Buffer**: A rail-to-rail amplifier that allows the output voltage to swing from 0V to the supply voltage ($V_{CC}$), capable of driving capacitive loads. 5. **Internal Reference**: Contains an internal bandgap reference (typically 1.25V), though it can also use the supply voltage as a reference depending on the specific model variant. --- ### Pin Configuration (SOT-23-5 Package) For the most common 5-lead SOT-23 package, the pinout is as follows: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **$V_{CC}$** | Positive Supply Voltage Input | | 2 | **GND** | Ground | | 3 | **SCL** | Serial Clock Input (I2C) | | 4 | **SDA** | Serial Data Input/Output (I2C) | | 5 | **$V_{OUT}$** | Analog Voltage Output | --- ### Application Circuit Example To interface the LTC1663 with a microcontroller, pull-up resistors are required on the SDA and SCL lines. ```cpp // Example: Sending a 10-bit value to LTC1663 using Arduino Wire library #include void writeLTC1663(uint16_t value) { Wire.beginTransmission(0x20); // Default 7-bit address Wire.write(0x00); // Control Byte (Update output) Wire.write(value >> 2); // MSB (Top 8 bits) Wire.write((value << 6) & 0xC0); // LSB (Bottom 2 bits) Wire.endTransmission(); } ``` --- ### Key Advantages * **Micropower Operation**: Ideal for battery-operated handheld devices. * **Simplicity**: The 2-wire interface reduces the number of traces required on a PCB compared to parallel or SPI DACs. * **Small Footprint**: The SOT-23 package is one of the smallest available for a 10-bit DAC.
    ✨ Follow-up Questions
    • ⤷How do I change the I2C address of the LTC1663?
    • ⤷ What is the maximum output current the LTC1663 can source?
    • ⤷ Can the LTC1663 use an external voltage reference?