Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LTC4373CMS8

  • AI
    ## Overview of the LTC4373CMS8 The **LTC4373CMS8** is a high-performance **Ideal Diode Controller** manufactured by Analog Devices (Linear Technology). Its primary function is to drive an external N-channel MOSFET to replace a standard Schottky diode in power supply applications. This significantly reduces power dissipation and voltage drop. --- ### 1. Key Specifications | Parameter | Specification | | :--- | :--- | | **Package Type** | MSOP-8 (8-lead Plastic MSOP) | | **Operating Voltage Range** | 5V to 80V | | **MOSFET Drive Type** | External N-Channel | | **Quiescent Current** | ~500 µA | | **Reverse Current Protection** | Fast response (< 500ns) | | **Shutdown Current** | < 10 µA | --- ### 2. Functional Components and Operation The LTC4373 works by sensing the voltage across the external MOSFET's Drain and Source. * **Gate Drive Control:** It modulates the Gate of the MOSFET to maintain a forward voltage drop (typically around 30mV). If the load current increases, the gate voltage rises to decrease the MOSFET's ON-resistance. * **Reverse Current Blocking:** If the output voltage exceeds the input voltage (e.g., a short at the input), the internal comparator detects the reverse polarity and pulls the gate low within nanoseconds to prevent back-feeding. * **Charge Pump:** Since it uses an N-channel MOSFET on the high side, it includes an internal charge pump to provide the necessary $V_{GS}$ (Gate-to-Source voltage) to fully enhance the transistor. --- ### 3. Pin Configuration (MSOP-8) | Pin # | Name | Description | | :--- | :--- | :--- | | 1 | **GATE** | Connects to the Gate of the external N-Channel MOSFET. | | 2 | **VIN** | Power input and Source voltage sensing. | | 3 | **SHDN** | Shutdown control. Pulling this low disables the part. | | 4 | **GND** | Device Ground. | | 5 | **VOUT** | Output voltage and Drain voltage sensing. | | 6 | **UV** | Undervoltage comparator input (monitors input voltage). | | 7 | **OV** | Overvoltage comparator input (monitors input voltage). | | 8 | **VCC** | Internal regulator output/Bypass capacitor pin. | --- ### 4. Primary Applications 1. **Redundant Power Supplies (N+1):** Used in servers to OR two power supplies together so that if one fails, the other takes over seamlessly without the heat of a diode. 2. **Battery Protection:** Prevents reverse polarity damage during battery installation. 3. **High Current Systems:** In applications where a standard diode would require a massive heatsink due to $P = I \times V_f$ losses. 4. **Automotive Systems:** Protects sensitive electronics from load dump transients and battery reversals. --- ### 5. Advantage vs. Standard Diode Standard Schottky diodes typically have a forward voltage drop ($V_f$) of **0.4V to 0.7V**. At 10A, this results in **4W to 7W** of wasted heat. The LTC4373, using a MOSFET with 2mΩ resistance, would result in only **0.2W** ($I^2R$) loss at the same current.
    ✨ Follow-up Questions
    • ⤷ What are the critical factors for selecting the external N-channel MOSFET for the LTC4373?
    • ⤷ How does the LTC4373 handle overvoltage and undervoltage conditions via the UV and OV pins?
    • ⤷ Compare the LTC4373 with the LTC4359; which is better for automotive load cold-cranking?