Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LTCE-1A-R

  • AI
    The **LTCE-1A-R** is a specialized electronic component primarily categorized as an **SMD (Surface Mount Device) Current Sense Transformer**. These components are critical in power electronics for monitoring current levels without interrupting the circuit. --- ### 1. Key Technical Specifications Below are the typical technical parameters associated with the LTCE-1A-R series: | Parameter | Description | | :--- | :--- | | **Component Type** | Current Sense Transformer | | **Turns Ratio** | 1:100 (Common for this series) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Current Rating** | Up to 20 Amperes (Secondary peak) | | **Frequency Range** | 50 kHz to 1 MHz | | **Isolation Voltage** | 500V AC to 1500V AC | | **Operating Temp** | -40°C to +125°C | --- ### 2. Physical Construction The "R" suffix often denotes **RoHS compliance** (Lead-free) or a specific **Tape and Reel** packaging format for automated assembly. * **Core Material:** Ferrite core for high-frequency efficiency. * **Terminals:** Typically 4 or 6 pins; two for the primary (sense) side and two for the secondary (output) side. * **Size:** Compact footprint designed for high-density PCB layouts. --- ### 3. Functional Working Principle The LTCE-1A-R works based on Faraday’s Law of Induction. It allows a high primary current to be measured as a much smaller, proportional secondary current. 1. **Primary Path:** The main current flows through a single turn (the primary winding). 2. **Induction:** The magnetic field generated by the primary current induces a voltage in the secondary winding. 3. **Scaling:** With a 1:100 ratio, 10A in the primary translates to 100mA in the secondary. 4. **Termination:** A "burden resistor" is usually placed across the secondary to convert the output current into a measurable voltage for a microcontroller or ADC. --- ### 4. Common Applications This part is frequently found in the following systems: * **Switch Mode Power Supplies (SMPS):** For feedback loops and over-current protection. * **Motor Control:** Monitoring phase currents to prevent stalls or burnouts. * **DC-DC Converters:** Balancing loads in multi-phase converters. * **Battery Management Systems (BMS):** Tracking discharge rates. --- ### 5. Schematic Representation When designing with the LTCE-1A-R, the circuit usually follows this logic: ```text [Main Current In] ----(Primary Coil)---- [Main Current Out] | (Magnetic Link) | [Ground] <----(Secondary Coil)----[Burden Resistor]----[ADC Input] ```
    ✨ Follow-up Questions
    • ⤷ What is the significance of the '1:100' turns ratio in this specific model?
    • ⤷ How do I calculate the correct value for the burden resistor?
    • ⤷ Are there through-hole equivalents to the LTCE-1A-R?