Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LTCEC-12001-R

  • AI
    The **LTCEC-12001-R** is an advanced electronic component primarily associated with **Luminus Devices**. It is part of their specialty LED and lighting controller series, specifically designed for high-performance illumination systems. --- ## Technical Specifications & Characteristics The LTCEC-12001-R is a high-current, high-speed driver/controller module typically used to power large-scale LED arrays. Below is a breakdown of its core electronic attributes: | Parameter | Description | | :--- | :--- | | **Component Type** | LED Driver / Controller Module | | **Input Voltage Range** | Typically 12V - 24V DC (Model specific) | | **Max Output Current** | Up to 20A - 30A (Designed for PhlatLight LEDs) | | **Cooling Requirement** | Active cooling (Fans) or high-surface-area heat sinks | | **Communication Interface** | USB, I2C, or RS-232 (for parameter tuning) | | **Safety Features** | Over-temperature, over-current, and short-circuit protection | --- ## Key Electronic Sub-Systems ### 1. Constant Current Regulation Unlike standard voltage regulators, this part utilizes a **Constant Current (CC) topology**. This is critical for LEDs, as slight fluctuations in voltage can lead to exponential increases in current, potentially destroying the diode. ### 2. PWM Dimming Control The module integrates high-frequency **Pulse Width Modulation (PWM)**. This allows for: * Precise brightness control without changing the color temperature. * High-speed switching for stroboscopic or scientific imaging applications. ### 3. Thermal Management Circuitry The "R" suffix often denotes a specific Revision or RoHS compliance. Internally, the board contains thermistor inputs to monitor the LED junction temperature. If the temperature exceeds a threshold, the electronic control unit (ECU) will **throttle (derate)** the current to prevent hardware failure. --- ## Common Applications * **Projection Systems:** Powering high-intensity light engines for digital cinema or home theater. * **Medical Imaging:** Used in endoscopy or surgical lighting where high CRI (Color Rendering Index) and stability are required. * **Industrial Machine Vision:** Providing high-speed pulsed light for factory inspection lines. * **UV Curing:** Driving high-power UV LED arrays for industrial resin curing. --- ## Hardware Interfacing To integrate this part into a circuit, developers typically use the following pin-out logic: ```c // Example Pseudocode for External PWM Control void setup() { pinMode(PWM_PIN, OUTPUT); // Set frequency to 1kHz to avoid visible flicker analogWriteFrequency(PWM_PIN, 1000); } void loop() { // Set brightness to 50% analogWrite(PWM_PIN, 128); } ```
    ✨ Follow-up Questions
    • ⤷ What are the specific cooling requirements for the LTCEC-12001-R at maximum current?
    • ⤷ Does this controller support multi-channel LED synchronization?
    • ⤷ What is the maximum PWM frequency supported by this module?