Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LTCEC-12003-R/Q

  • AI
    The **LTCEC-12003-R/Q** is a high-precision, automotive-grade wire-wound chip inductor manufactured by **LTC (Liton Technology Corp)**. This component is specifically designed for high-frequency applications where stability and reliability are critical. --- ### 1. Technical Specifications The following table outlines the primary electrical and physical characteristics of the LTCEC-12003-R/Q: | Parameter | Value / Description | | :--- | :--- | | **Inductance** | 120 nH (Nanohenries) | | **Tolerance** | ±5% (J) or ±10% (K) typically | | **Case Size** | 1206 (3.2mm x 1.6mm) | | **Material** | Ceramic core with wire-wound construction | | **Quality Factor (Q)** | High Q value for low signal loss | | **Operating Temp** | -40°C to +125°C | | **Termination** | Gold or Tin-plated (RoHS Compliant) | --- ### 2. Key Features and Construction The "R/Q" designation often refers to the specific packaging or testing standards (such as AEC-Q200 for automotive reliability). * **Wire-Wound Structure:** Unlike multilayer inductors, the wire-wound design allows for significantly higher **Q factors** and higher current handling capabilities. * **Ceramic Core:** Provides excellent thermal stability and a high Self-Resonant Frequency (SRF), making it ideal for RF (Radio Frequency) circuits. * **AEC-Q200 Compliance:** The "Q" suffix usually indicates that the part has passed the Stress Test Qualification for Passive Components in automotive environments, ensuring resistance to vibration and thermal shock. --- ### 3. Application Areas This component is typically found in circuits requiring precise filtering and impedance matching: 1. **Automotive Electronics:** Used in ADAS (Advanced Driver Assistance Systems), infotainment modules, and TPMS. 2. **Wireless Communication:** Essential for Wi-Fi modules, Bluetooth devices, and cellular infrastructure. 3. **RF Matching:** Used in the matching networks of power amplifiers to ensure maximum power transfer to the antenna. 4. **High-Speed Signal Integrity:** Acting as a filter to remove high-frequency noise from data lines. --- ### 4. Part Number Breakdown (General Pattern) While coding varies by manufacturer, the LTCEC series follows this logic: `LTCEC` (Series: Ceramic Wire-wound) - `1206` (Size) - `120` (Inductance Value) - `3` (Multiplier/Tolerance) - `R/Q` (Packaging/Automotive Grade).
    ✨ Follow-up Questions
    • ⤷What is the Self-Resonant Frequency (SRF) for this specific inductor?
    • ⤷ How does a wire-wound inductor compare to a multilayer inductor in RF circuits?
    • ⤷ What are the soldering recommendations for 1206 ceramic inductors?