LTCEC-12501-R
AI

The **LTCEC-12501-R** is a high-performance electronic component typically used in telecommunications and data networking hardware. Specifically, it belongs to the category of **integrated RJ45 connector modules**, often referred to as "MagJack" connectors.
---
### 1. General Specifications
The device integrates traditional RJ45 physical connection points with internal magnetics (transformers and chokes) required for Ethernet communication.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Integrated RJ45 Connector (Magnetics) |
| **Port Configuration** | 1x1 (Single Port) |
| **Ethernet Speed** | 10/100/1000 Base-T (Gigabit Ethernet) |
| **Orientation** | Right Angle / Side Entry |
| **Mounting Type** | Through-Hole (THT) |
| **Shielding** | Metal Shield with EMI Tabs |
---
### 2. Internal Electronic Parts
The "CEC" in the part number usually indicates a specific internal schematic involving several passive components:
* **Isolation Transformers:** Provides 1500Vrms isolation between the cable side and the PHY (Physical Layer) side to protect sensitive circuitry from power surges.
* **Common Mode Chokes:** Filters out high-frequency noise and electromagnetic interference (EMI) to ensure signal integrity over long cable runs.
* **Termination Resistors:** Typically 75-ohm resistors used to match impedance and reduce signal reflections.
* **High-Voltage Capacitors:** Usually 2kV capacitors used for "Bob Smith" termination to reduce common-mode emissions.
---
### 3. Physical Features & Pinout
The LTCEC-12501-R is designed for durability and signal stability:
1. **LEDs:** Often features integrated Green/Yellow LEDs for Link and Activity status (check specific datasheet for polarity).
2. **Gold Plating:** The contact pins are typically plated with 30µ" to 50µ" of gold to prevent oxidation and ensure a low-resistance connection.
3. **EMI Tabs:** Metal "fingers" on the outer shield provide a grounded connection to the chassis/enclosure, reducing noise leakage.
---
### 4. Applications
This part is commonly found in the following electronic systems:
* **Network Switches and Routers:** Primary interface for LAN cables.
* **Industrial PCs:** Provides robust Ethernet connectivity in harsh environments.
* **Embedded Systems:** Used in IoT gateways or controllers that require wired internet access.
---
- ⤷What is the specific pinout diagram for the LTCEC-12501-R?
- ⤷ Does this component support Power over Ethernet (PoE)?
- ⤷ What are the recommended footprint dimensions for PCB layout?